Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 54 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 54 Page - Analog Devices

Back Button AD7293 Datasheet HTML 50Page - Analog Devices AD7293 Datasheet HTML 51Page - Analog Devices AD7293 Datasheet HTML 52Page - Analog Devices AD7293 Datasheet HTML 53Page - Analog Devices AD7293 Datasheet HTML 54Page - Analog Devices AD7293 Datasheet HTML 55Page - Analog Devices AD7293 Datasheet HTML 56Page - Analog Devices AD7293 Datasheet HTML 57Page - Analog Devices AD7293 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 54 of 78
MINIMUM 1 (PAGE 0x0B)
Table 74. Minimum 1 (Page 0x0B)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select pointer
1
R/W
0x00
0x02
Conversion command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
AVDD minimum
2
R/W
0xFFF0
0x11
DACVDD-UNI minimum
2
R/W
0xFFF0
0x12
DACVDD-BI minimum
2
R/W
0xFFF0
0x13
AVSS minimum
2
R/W
0xFFF0
0x14
BI-VOUT0MON minimum
2
R/W
0xFFF0
0x15
BI-VOUT1MON minimum
2
R/W
0xFFF0
0x16
BI-VOUT2MON minimum
2
R/W
0xFFF0
0x17
BI-VOUT3MON minimum
2
R/W
0xFFF0
0x28
RS0+MON minimum
2
R/W
0xFFF0
0x29
RS1+MON minimum
2
R/W
0xFFF0
0x2A
RS2+MON minimum
2
R/W
0xFFF0
0x2B
RS3+MON minimum
2
R/W
0xFFF0
1
N/A means not applicable.
2
Not a physical register.
AVDD, DAC Supply (DACVDD-UNI/DACVDD-BI), and AVSS
Minimum Registers (Register 0x10 to Register 0x13)
These 16-bit registers store the minimum ADC conversion
results for the relevant channels. These registers can be set back
to their default value by writing to them.
BI-VOUT0MON to BI-VOUT3MON Minimum Registers
(Register 0x14 to Register 0x17)
These 16-bit registers store the minimum ADC conversion
results for the relevant DAC monitoring channels. These
registers can be set back to their default value by writing to
them.
RSx+MON Minimum Registers (Register 0x28 to
Register 0x2B)
These 16-bit registers store the minimum ADC conversion
results for the relevant channels. These registers can be set back
to their default value by writing to them.
Table 75. AVDD, DAC Supply, AVSS, BI-VOUTxMON, and RSx+MON Minimum Registers (Register 0x10 to Register 0x2B)
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
[D3:D0]
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com