Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 77 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD7293 Datasheet HTML 70Page - Analog Devices AD7293 Datasheet HTML 71Page - Analog Devices AD7293 Datasheet HTML 72Page - Analog Devices AD7293 Datasheet HTML 73Page - Analog Devices AD7293 Datasheet HTML 74Page - Analog Devices AD7293 Datasheet HTML 75Page - Analog Devices AD7293 Datasheet HTML 76Page - Analog Devices AD7293 Datasheet HTML 77Page - Analog Devices AD7293 Datasheet HTML 78Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 77 of 78
threshold voltage is not exceeded in the event of AVDD voltage
supply failure.
The on-chip bipolar DAC clamping circuitry ensures that the
four bipolar outputs are set to their clamp value on power-up,
and the DACs can be triggered to clamp by the external SLEEPx
pins at any stage by the user.
The voltage monitoring of the supply voltages can help to
quickly detect any system issues. The bipolar DAC output
monitoring can be useful in closed-loop mode to sense the
voltage output controlling the PA gate. Monitoring of the RSx+
pins voltages helps in detecting issues on the high side of the
sense resistor.
To adhere to radio standards, it may be necessary to control the
rate at which the PA gain changes. A ramp register is available
that allows the user to control the slew rate of the DAC in
closed-loop mode. Additionally, a closed-loop sequence is
provided in the Closed-Loop Sequencing section to ensure the
protection of the power amplifier from an overvoltage.
LOOP COMPONENT SELECTION
To select the loop component, use the following conditions:
RS ≤ 0.2/IDS(MAX)
RS ≤ τI/(52.5 µs × gm(MAX))
τG ≤ τI/(25 × gm(MAX) × RS)
τS ≤ (1/10) × τG
where:
RS is the value of the current sense resistor in ohms.
IDS(MAX) is the PA drain current at the maximum required PA
gain in amperes.
τI is the integrator time constant (default value = 840 μs) in
seconds.
gm(MAX) is the PA transconductance at the maximum required PA
gain in Siemens.
τG is the gate filter time constant in seconds.
τS is the current sense filter time constant in seconds.
To optimize the loop response from this point, the RS, τI, τG, and
τS values can be adjusted (see Table 116).
Table 116. RS, τI, τG, and τS Adjustment Values
Parameter
Benefit of Increasing
Benefit of Decreasing
RS
Setpoint resolution
increased, improved
dynamic range, and
faster settling
Reduced overshoot,
reduced power
dissipation, and allows
higher τG and τS
τI
Reduced overshoot,
allows higher τG and τS
Faster settling
τG
Reduced noise from
current control loop
Reduced overshoot,
allows lower τI
τS
Improved filtering of
disturbances at current
sense input
Reduced overshoot,
allows lower τI
When setting τG, do not exceed the maximum load capacitance
specification (10 nF when RG = 0 Ω, and 1 µF when RG = 5 Ω).
Include the PA gate capacitance in the calculation.
Figure 60. Loop Component Selection and Filtering
τ
S
τ
G
τ
I
VPP
AD7293
RSx+
RSx–
DAC
BI-VOUTx
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com