Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7293 Datasheet HTML 33Page - Analog Devices AD7293 Datasheet HTML 34Page - Analog Devices AD7293 Datasheet HTML 35Page - Analog Devices AD7293 Datasheet HTML 36Page - Analog Devices AD7293 Datasheet HTML 37Page - Analog Devices AD7293 Datasheet HTML 38Page - Analog Devices AD7293 Datasheet HTML 39Page - Analog Devices AD7293 Datasheet HTML 40Page - Analog Devices AD7293 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 37 of 78
Conversion Delay Register (Register 0x1A)
This register can add a conversion delay (during the acquisition
phase) to the VINx channels in command mode conversions.
The resolution of this register is 320 ns. That is, each bit adds
320 ns to the conversion delay.
Temperature Sensor (TSENSEx) Background Enable
Register (Register 0x1B)
To enable the temperature sensor conversions, write to the
corresponding bit from this register. To enable digital filtering,
also write to the corresponding bit.
Current Sensor (ISENSEx) Background Enable Register
(Register 0x1C)
To enable the ISENSEx conversions, write to the corresponding bit
from this register. To enable digital filtering, also write to the
corresponding bit.
Current Sensor (ISENSEx) Gain Register (Register 0x1D)
The ISENSEx gain register is a 16-bit register that controls the gain
settings for the four current sense channels.
DAC Snooze/SLEEP0 Pin Register (Register 0x1F)
To clamp the relevant DAC output via the GPIO5/SLEEP0 pin
set the corresponding bit in this register to 1. The snooze bits
determine the power-up/power-down condition of the DACs
after removing the clamp signal. If any of the snooze bits are set
to 1, an additional write to the DAC enable register is required
to wake up the corresponding DAC. If the snooze bits are not
set, directly use the SLEEP0 pin to wake up the DAC.
DAC Snooze/SLEEP1 Pin Register (Register 0x20)
To clamp the relevant DAC output via the GPIO6/SLEEP1 pin,
set the corresponding bit in this register to 1.
RSx+MON, Supply Monitor, BI-VOUTx Background Enable
Register (Register 0x23)
The RSx+MON and voltage supply channels can convert in the
background by setting the corresponding enable bit to 1.
Integrator Limit and Closed-Loop Control Register
(Register 0x28)
This register configures the device in closed-loop mode and
controls the integrator limit function as described in the
Closed-Loop Integrator Programmable Voltage Limit section.
PA_ON Control Register (Register 0x29)
This register controls the PA_ON pin and allows AVss/AVDD
alarm control over the PA_ON pin. Note that the AVSS/AVDD
alarm must be cleared before the PA_ON pin can switch back to
the on state.
This register also allows clamp pin control over the PA_ON pin.
Setting the clamp bit to 1 allows control of the PA_ON pin via
the SLEEP0 and SLEEP1 pins, where, if the pin goes high, the
PA_ON pin goes to the off state. If the snooze bit is set to 1, an
additional write to this register is required to set the PA_ON pin
to the on state after clearing the corresponding SLEEP0 and
SLEEP1 pins.
Ramp Time 0 to Ramp Time 3 Registers (Register 0x2A to
Register 0x2D)
These 16-bit registers (Ramp Time 0 to Ramp Time 3) configure
the ramp time for the closed-loop channels. The resolution of
each bit is 250 µs and the maximum programmable ramp time
is 31.75 ms.
The minimum programmable ramp time for each channel is
4 ms. Enter 0x0000 to disable the ramp circuitry and to have the
DAC resolve the target value immediately.
Closed-Loop Fast Ramp and Integrator Time Constant
Register (Register 0x2E)
Use this register to disable or to enable the fast ramp scheme for
the closed-loop channels when they release from clamp. The
integrator time constant can trim to the values shown in Table 50.
Integrator Limit Active Status (INTLIMITx) and AVSS/AVDD
Alarm Mask Register (Register 0x2F)
Use this 16-bit register to mask any of the closed-loop integrator
limit active status values or the AVss/AVDD alarm. When masked,
the status values are not visible when reading back the correspond-
ing alert registers, or if the status values are routed to any of the
ALERTx pins.
Table 32. Digital Output Enable Register (Register 0x11)
Bit Number(s)
Bit Name
Description
[D15:D8]
Reserved
Reserved
D7
GPIO7/LDAC (Pin 6)
1: enable output drivers. 0: disable output drivers.
D6
GPIO6/SLEEP1 (Pin 4)
1: enable output drivers. 0: disable output drivers.
D5
GPIO5/SLEEP0 (Pin 3)
1: enable output drivers. 0: disable output drivers.
D4
GPIO4/ALERT1 (Pin 2)
1: enable output drivers (default). 0: disable output drivers.
D3
GPIO3/ALERT0 (Pin 53)
1: enable output drivers. 0: disable output drivers.
D2
GPIO2/BUSY (Pin 54)
1: enable output drivers. 0: disable output drivers.
D1
GPIO1/CONVST (Pin 55)
1: enable output drivers. 0: disable output drivers.
D0
GPIO0/IS BLANK (Pin 56)
1: enable output drivers. 0: disable output drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com