Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 4 Page - Analog Devices

  AD7293 Datasheet HTML 1Page - Analog Devices AD7293 Datasheet HTML 2Page - Analog Devices AD7293 Datasheet HTML 3Page - Analog Devices AD7293 Datasheet HTML 4Page - Analog Devices AD7293 Datasheet HTML 5Page - Analog Devices AD7293 Datasheet HTML 6Page - Analog Devices AD7293 Datasheet HTML 7Page - Analog Devices AD7293 Datasheet HTML 8Page - Analog Devices AD7293 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 4 of 78
Figure 3. Open-Loop Functional Block Diagram
BI-VOUT3MON
BI-VOUT2MON
BI-VOUT1MON
BI-VOUT0MON
VIN0
VIN1
VIN2
VIN3
DACVDD-BI
DACVDD-UNI
AVSS
AVDD
VDRIVE
DVDD
D1+
D1–
D0+
D0–
VREFIN
VREFOUT
AD7293
UNI-VOUT3
UNIPOLAR
DAC
UNI-VOUT2
UNIPOLAR
DAC
UNI-VOUT1
UNIPOLAR
DAC
UNI-VOUT0
UNIPOLAR
DAC
BI-VOUT3
BIPOLAR
DAC
0V TO 5V
2.5V TO 7.5V
5V TO 10V
0V TO +5V
–4V TO +1V
–5V TO 0V
VCLAMP0
VCLAMP1
SPI
INTERFACE
RESET
LOGIC
DIGITAL
INPUT/OUTPUT
LDAC AND
CLAMP CONTROL
BI-VOUT2
BIPOLAR
DAC
RS3+
RS3–
CURRENT
SENSOR
BI-VOUT1
BIPOLAR
DAC
RS2+
RS2–
CURRENT
SENSOR
BI-VOUT0
BIPOLAR
DAC
RS1+
RS1–
CURRENT
SENSOR
RS0+
RS0–
CURRENT
SENSOR
PAVDD
PA_ON
PMOS
CONTROL
PRECISION
2.5V
REFERENCE
×
1
2
REFADC
CONTROL
LOGIC
ALERT AND
LIMIT
REGISTERS
MUX
2.5V
1.25V
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com