| Electronic Components Datasheet Search |
|
AD7293 Datasheet(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7293 Datasheet(HTML) 68 Page - Analog Devices |
|
68 / 78 page ![]() AD7293 Data Sheet Rev. B | Page 68 of 78 Bit Number(s) Bit Name Description D10 DACVDD-BI high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT1 pin D9 DACVDD-UNI high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT1 pin D8 AVDD high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT1 pi. D7 BI-VOUT3MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D6 BI-VOUT2MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D5 BI-VOUT1MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D4 BI-VOUT0MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D3 AVSS low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D2 DACVDD-BI low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D1 DACVDD-UNI low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D0 AVDD low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin Table 110. RSx+MON ALERT1 Register (Register 0x19) Bit Number(s) Bit Name Description [D15:D12] Reserved Reserved D11 RS3+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT1 pin D10 RS2+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT1 pin D9 RS1+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT1 pin D8 RS0+MON high 0: no routing (default) 1: high alert on the corresponding channel routes to the ALERT1 pin [D7:D4] Reserved Reserved (default) D3 RS3+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D2 RS2+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D1 RS1+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin D0 RS0+MON low 0: no routing (default) 1: low alert on the corresponding channel routes to the ALERT1 pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |