Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7293 Datasheet HTML 21Page - Analog Devices AD7293 Datasheet HTML 22Page - Analog Devices AD7293 Datasheet HTML 23Page - Analog Devices AD7293 Datasheet HTML 24Page - Analog Devices AD7293 Datasheet HTML 25Page - Analog Devices AD7293 Datasheet HTML 26Page - Analog Devices AD7293 Datasheet HTML 27Page - Analog Devices AD7293 Datasheet HTML 28Page - Analog Devices AD7293 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 25 of 78
Table 16. Bipolar DAC Voltage Offset Ranges
Range (V)
0x000
0xFFF
VOFFSET (V )
0 to +5
0 V
2 V × VREFIN
0
−4 to +1
−1.6 V × VREFIN
0.4 V × VREFIN
−4
−5 to 0
−2 V × VREFIN
0 V
−5
The ADC can also monitor these four outputs.
The bipolar DACs in addition to the four current sensors in the
PA controller can operate as four independent closed-loop
drain current controllers (see the Closed-Loop Mode section).
Figure 43. Bipolar DAC Architecture Block Diagram
Unipolar DACs
The unipolar DAC outputs, UNI-VOUT0, UNI-VOUT1, UNI-
VOUT2, and UNI-VOUT3, can be configured through the offset
range registers to 0 to 5 V, 2.5 V to 7.5 V, or 5 V to 10 V (see
Table 84).
The DACs have one control register to control the interaction
between two registers: input registers and output registers. The
output registers contain the digital code used by the resistor
strings as well as a copy and load bit. Writing to these register
addresses sets the 12-bit DAC output voltage codes.
If the load bit is set to one, the device waits for LDAC to become
active before loading the voltage codes onto the DACs rather than
immediately after the write operation. If the copy bit is set to 1,
writing to a unipolar DAC registers sets all the other unipolar
DAC registers to the same value.
OFFSET
n
REFIN
OUT
V
D
V
V
+
×
×
=
2
2
where:
VREFIN = 2.5 V.
D is the decimal equivalent of the binary code that is loaded to
the DAC register (0 to 4095 for the 12-bit AD7293).
n is the resolution of the DAC.
VOFFSET = 0 V (0 V to 5 V range), 2.5 V (2.5 V to 7.5 V range), or
5 V (5 V to 10 V range).
Figure 44. Unipolar DAC Architecture Block Diagram
Table 17. Unipolar DAC Voltage Offset Ranges
Range (V)
0x000
0xFFF
VOFFSET (V)
0 to 5
0 V
2 V × VREFIN
0
2.5 to 7.5
VREFIN
3 V × VREFIN
2.5
5 to 10
2 V × VREFIN
4 V × VREFIN
5
DAC Enabling and Clamping
On power-up, the DAC outputs default to their clamp values
(see Table 18). All DACs can be enabled and disabled/clamped
via the DAC enable register (common to all pages).
Table 18. Clamp Values
DAC Output
Clamp Value
UNI-VOUT0
0 V
UNI-VOUT1
0 V
UNI-VOUT2
0 V
UNI-VOUT3
0 V
BI-VOUT0
−3 × VCLAMP0
BI-VOUT1
−3 × VCLAMP0
BI-VOUT2
−3 × VCLAMP1
BI-VOUT3
−3 × VCLAMP1
All DACs (bipolar DACs only on power-up) can be set to clamp
using the digital SLEEP0 and SLEEP1 pins. The DAC outputs
controlled by the digital SLEEP0 and SLEEP1 pins are selectable by
writing to the corresponding sleep bit in the DAC snooze/SLEEPx
pin register (see Table 45) in the configuration page. When the
SLEEPx pin is pulled active, the corresponding unipolar and
bipolar DACs associated with the pin are forced into clamp.
Clamping does not clear the DAC output register value, making
it possible to return to the same voltage as before the clamp
event. While in clamp mode, the DAC registers can be updated.
When a SLEEPx pin is used, a snooze function is available that
clears the DAC registers and requires an additional write to the
DAC enable register to wake up the DAC after clearing the clamp
condition.
The bipolar DACs power-on reset and clamp value is dependent
on the VCLAMP0 and VCLAMP1 voltage level. After a power-on reset
or when the digital SLEEP0 or SLEEP1 pin is configured to trigger
a clamp, the bipolar DAC outputs reset to the clamp value (see
Table 18).
After a power-on reset or when the digital SLEEP0 or SLEEP1
pin is configured to trigger clamping, the unipolar DAC outputs
default to 0 V.
Software Clamping: Internal ALERT0 Routing
There is an option to allow the ALERT0 alert to trigger the
clamp function. The DACs power back up when the alert is
cleared without an additional write to the DAC enable registers.
Bit D1 of the general register in the configuration page allows
ALERT0 control over the clamping function of the four bipolar
DACs.
RESISTOR
STRING
REF(+)
REF(–)
–3
2.5V
REF
INPUT
REGISTER
DAC
REGISTER
VCLAMPX
CLAMP/
DAC
ENABLE
RANGE
SELECT
BI-VOUTX
0V TO +5V
–4V TO +1V
–5V TO 0V
RESISTOR
STRING
REF(+)
REF(–)
2.5V
REF
INPUT
REGISTER
DAC
REGISTER
CLAMP/
DAC
ENABLE
RANGE
SELECT
UNI-VOUTX
0V TO 5V
2.5V TO 7.5V
5V TO 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com