Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 57 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD7293 Datasheet HTML 53Page - Analog Devices AD7293 Datasheet HTML 54Page - Analog Devices AD7293 Datasheet HTML 55Page - Analog Devices AD7293 Datasheet HTML 56Page - Analog Devices AD7293 Datasheet HTML 57Page - Analog Devices AD7293 Datasheet HTML 58Page - Analog Devices AD7293 Datasheet HTML 59Page - Analog Devices AD7293 Datasheet HTML 60Page - Analog Devices AD7293 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 57 of 78
OFFSET 0 (PAGE 0x0E)
Table 81. Offset 0 (Page 0x0E)
Address
(Hex)
Name
Byte1
Access
Type1
Default
Value1
0x00
No op
N/A
N/A
0x00
0x01
Page select
pointer
1
R/W
0x00
0x02
Conversion
command2
1
W
N/A
0x03
Result
2
R
0x0000
0x04
DAC enable
1
R/W
0x00
0x05
GPIO
1
R/W
0x00
0x0C
Device ID
2
R
0x0018
0x0F
Software reset
2
R/W
0x0000
0x10
VIN0 offset
2
R/W
0x0000
0x11
VIN1 offset
2
R/W
0x0000
0x12
VIN2 offset
2
R/W
0x0000
0x13
VIN3 offset
2
R/W
0x0000
0x20
TSENSEINT offset
2
R/W
0x0000
0x21
TSENSED0 offset
2
R/W
0x0000
0x22
TSENSED1 offset
2
R/W
0x0000
0x28
ISENSE0 offset
2
R/W
0x0000
0x29
ISENSE1 offset
2
R/W
0x0000
0x2A
ISENSE2 offset
2
R/W
0x0000
0x2B
ISENSE3 offset
2
R/W
0x0000
0x30
UNI-VOUT0 offset
2
R/W
0x0000
0x31
UNI-VOUT1 offset
2
R/W
0x0000
0x32
UNI-VOUT2 offset
2
R/W
0x0000
0x33
UNI-VOUT3 offset
2
R/W
0x0000
0x34
BI-VOUT0 offset
2
R/W
0x0000
0x35
BI-VOUT1 offset
2
R/W
0x0000
0x36
BI-VOUT2 offset
2
R/W
0x0000
0x37
BI-VOUT3 offset
2
R/W
0x0000
1
N/A means not applicable.
2
Not a physical register.
VINx Offset Registers (Register 0x10 to Register 0x13)
These read/write 8-bit registers store the offset values for the
relevant input channel.
Temperature Sensor (TSENSEx) Offset Registers
(Register 0x20 to Register 0x22)
These read/write 8-bit registers store the offset values for the
relevant temperature sensor channel.
Current Sensor (ISENSEx) Offset Registers (Register 0x28 to
Register 0x2B)
These read/write 8-bit registers store the offset values for the
relevant current sensor channel.
Unipolar DAC (UNI-VOUTx) Offset Registers (Register 0x30
to Register 0x33)
These read/write registers store the offset values for the
corresponding DAC output. If the copy bit is set to 1, writing to
any of the DAC offset registers sets all the other unipolar DAC
offset registers to the same value.
Bipolar DAC (BI-VOUTx) Offset Registers (Register 0x34 to
Register 0x37)
These read/write registers store the offset values for the
corresponding DAC output. If the copy bit is set to 1, writing to
any of the DAC offset registers sets all the other bipolar DAC
offset registers to the same value. Any write to these registers
affects the DAC range in open-loop mode and the integrator
limit in closed-loop mode.
Table 82. VINx and Current Sensor Offset Registers (Register 0x10 to Register 0x13, and Register 0x28 to Register 0x2B)
Bit Number(s)
Bit Name
Description
D7
B7
0: 0 LSB (default)
1: −128 LSB
D6
B6
0: 0 LSB (default)
1: 64 LSB
D5
B5
0: 0 LSB (default)
1: 32 LSB
D4
B4
0: 0 LSB (default)
1: 16 LSB
D3
B3
0: 0 LSB (default)
1: 8 LSB
D2
B2
0: 0 LSB (default)
1: 4 LSB
D1
B1
0: 0 LSB (default)
1: 2 LSB
D0
B0
0: 0 LSB (default)
1: 1 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com