Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 70 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD7293 Datasheet HTML 66Page - Analog Devices AD7293 Datasheet HTML 67Page - Analog Devices AD7293 Datasheet HTML 68Page - Analog Devices AD7293 Datasheet HTML 69Page - Analog Devices AD7293 Datasheet HTML 70Page - Analog Devices AD7293 Datasheet HTML 71Page - Analog Devices AD7293 Datasheet HTML 72Page - Analog Devices AD7293 Datasheet HTML 73Page - Analog Devices AD7293 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 70 of 78
SERIAL PORT INTERFACE
The AD7293 SPI allows the user to configure the device for
specific functions and operations through an internal structured
register space. The interface consists of four signals: CS, SCLK,
DIN, and DOUT. The device is capable of interfacing within a
range of 1.7 V to 5.5 V, which is set by the VDRIVE pin. SCLK is the
serial clock input for the device. All data transfers on DIN or
DOUT take place with respect to SCLK. The chip select input
pin (CS) is an active low control. For the interface to be active,
the chip select must be low. Data is clocked into the AD7293 on
the SCLK rising edge and is loaded into the device MSB first.
The length of each SPI frame can vary according to the command
being sent. A no op command is available for interface flexibil-
ity. Data is clocked out of the AD7293 on DOUT in the same
frame as the read command, on the falling edge of SCLK,
while CS is low. The SCLK and DIN signals are ignored
when CS is high, and the DOUT line becomes high impedance.
INTERFACE PROTOCOL
When reading from or writing to the AD7293, the first byte
contains the address pointer. Bit D7 of the address pointer is the
read (high) and write (low) bit.
Table 112. Address Pointer
D7
D6
D5
D4
D3
D2
D1
D0
R/W
X1
Register/page select
1
X means don’t care.
Bit D5 to Bit D0 of the address pointer specify the register
address for the read or write operation.
After the address pointer, the data to be written to the device is
supplied in bytes. The register structure of the AD7293 is page
based and divided according to their specific functions. Some
registers are common to all pages, whereas the rest of the
registers are contained within a particular page. To select a
page, write to the 8-bit page select register. When a particular
page is selected, the user does not have to rewrite to the page
select register every time prior to writing to a register from the
same page. Figure 52 to Figure 54 show the read and write data
formats for the AD7293.
For a register write, the read/write bit is zero, and the DOUT
line remains high impedance. Upon completion of a read or
write, the AD7293 is ready to accept a new register address;
alternatively, to terminate the operation, take the CS pin high.
Figure 52. Accessing a Page
Figure 53. Accessing an 8-Bit Register
Figure 54. Accessing a 16-Bit Register
PAGE NUMBER[D7:D0]
PAGE SELECT[D5:D0]
DIN
DOUT
0
X
CS
NOTES
1. R/W IS CLEARED WHEN WRITING TO THE PAGE SELECT REGISTER.
2. THE ADDRESS OF THE PAGE SELECT REGISTER IS 0x01.
3. X = DON’T CARE.
REG ADDRESS[D5:D0]
X
R/W
NO OP(0x00) [D7:D0]
DOUT[D7:D0]
DIN
DOUT
CS
NOTES
1. R/W IS SET WHEN READING FROM A REGISTER AND CLEARED WHEN
WRITING TO A REGISTER.
2. X = DON’T CARE.
DIN
DOUT
CS
NOTES
1. R/W IS SET WHEN READING FROM A REGISTER AND CLEARED WHEN
WRITING TO A REGISTER.
2. X = DON’T CARE.
REG ADDRESS[D5:D0]
DIN[D15:D8]
DIN[D7:D0]
DOUT[D15:D0]1
X
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com