Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7293 Datasheet HTML 8Page - Analog Devices AD7293 Datasheet HTML 9Page - Analog Devices AD7293 Datasheet HTML 10Page - Analog Devices AD7293 Datasheet HTML 11Page - Analog Devices AD7293 Datasheet HTML 12Page - Analog Devices AD7293 Datasheet HTML 13Page - Analog Devices AD7293 Datasheet HTML 14Page - Analog Devices AD7293 Datasheet HTML 15Page - Analog Devices AD7293 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 12 of 78
ABSOLUTE MAXIMUM RATINGS
Table 9.
Parameter
Rating
±5 V Analog Output Pins (BI-VOUT0, BI-VOUT1,
BI-VOUT2, BI-VOUT3) to AVSS
AVSS − 0.3 V to
DACVDD-BI + 0.3 V
12.5 V Analog Output Pins (UNI-VOUT0,
UNI-VOUT1, UNI-VOUT2, UNI-VOUT3) to AGND
−0.3 V to
DACVDD-UNI + 0.3 V
12.5 V Supply (DACVDD-UNI) to AGND
−0.3 V to +15 V
2 V Analog Pins (REFADC, D1−, D1+, D0−, D0+)
to AGND
−0.3 V to +2 V
5 V Analog Pins (FACTORY TEST, VREFIN,
VREFOUT, VCLAMP0, VCLAMP1, VINx1) to AGND
−0.3 V to
AVDD + 0.3 V
5 V Digital Pins (GPIO5/SLEEP0,
GPIO6/SLEEP1, RESET, GPIO7/LDAC, CS,
DOUT) to DGND
−0.3 V to
VDRIVE + 0.3 V
5 V Open-Drain Pins (GPIO4/ALERT1, SCLK,
DIN, DVDD, GPIO3/ALERT0, GPIO2/BUSY,
GPIO1/CONVST, GPIO0/IS BLANK) to DGND
−0.3 V to +7 V
5 V Supply Pins2 (VDRIVE, DACVDD-BI, AVDD) to
AGND
−0.3 V to +7 V
−5 V Supply Pin (AVSS) to AGND
−7 V to +0.3 V
60 V Analog Pins (RSx−) to RSx+
(RSx+) − 0.3 V to
(RSx+) + 0.3 V
60 V Digital Pin (PA_ON) to AGND
−0.3 V to
PAVDD + 0.3 V
60 V Supply Pins (RSx+, PAVDD) to AGND
−0.3 V to
AVSS + 65 V
Ground Pins (DGND, AGND) to AGND
−0.3 V to +0.3 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +125°C
Reflow Profile
J-STD 20 (JEDEC)
Maximum Junction Temperature
150°C
ESD Rating, All Pins
Human Body Model (HBM)
2 kV
Field-Induced Charged Device Model
(FICDM)
1 kV
1
x = 0, 1, 2, or 3.
2
Connect AVDD and DACVDD-BI to the same potential.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for a 4-layer JEDEC 2S2P type printed circuit
board (PCB) with a thermal via, that is, a device soldered in a
circuit board for surface-mount packages, per JESD51-7.
Table 10. Thermal Resistance
Package Type
θJA
θJC
Unit
56-Lead LFCSP
27
0.5
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com