Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7293 Datasheet HTML 20Page - Analog Devices AD7293 Datasheet HTML 21Page - Analog Devices AD7293 Datasheet HTML 22Page - Analog Devices AD7293 Datasheet HTML 23Page - Analog Devices AD7293 Datasheet HTML 24Page - Analog Devices AD7293 Datasheet HTML 25Page - Analog Devices AD7293 Datasheet HTML 26Page - Analog Devices AD7293 Datasheet HTML 27Page - Analog Devices AD7293 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
AD7293
Data Sheet
Rev. B | Page 24 of 78
For RF applications, the use of high Q capacitors functioning as
a filter protects the integrity of the measurement. Connect these
capacitors between the base and the emitter, as close to the
external device as possible. However, large capacitances affect
the accuracy of the temperature measurement; therefore, the
recommended maximum capacitor value is 100 pF. In most
cases, a capacitor is not required; the selection of any capacitor
is dependent on the noise frequency level.
The AD7293 automatically cancels out the effect of parasitic,
base, and collector resistance on the temperature reading. This
cancelation gives a more accurate result, without the need for
any user characterization of the parasitic resistance. The AD7293
can compensate for up to 4 kΩ series resistance typically.
Figure 40. Measuring Temperature Using a NPN Transistor
Figure 41. Measuring Temperature Using a PNP Transistor
Table 15. Temperature Sensor Data Format
Temperature
(°C)
TSENSEx Result Registers (Page 0x00,
Register 0x20 to Register 0x22), Bits[D15:D4]
−40
0110 1100 0000
−25
0111 0011 1000
−10
0111 1011 0000
−0.125
0111 1111 1111
0
1000 0000 0000
+0.125
1000 0000 0001
+10
1000 0101 0000
+25
1000 1100 1000
+50
1001 10 01 0000
+75
1010 0101 1000
+100
1011 0010 0000
+125
1011 1110 1000
INTERNAL CHANNEL MONITORING
The ADC can internally read the outputs of the four bipolar
DACs, AVDD, DACVDD-UNI, DACVDD-BI, AVSS, and the voltage on
the RS0+ to RS3+ pins in the background. A sequencer is
available that allows multiple channels to be converted in a
predetermined sequence.
The ADC is used in its single-ended mode. The LSB size varies
with the different supply monitoring registers. AVDD and DACVDD-BI
are divided by 5, and DACVDD-UNI is divided by 20 to scale within
the 0 V to REFADC range. AVSS is level shifted to within a −7.5 V
to +2.5 V range, where 0x0000 equates to approximately −7.5 V,
and 0xFFFF equates to approximately +2.5 V. REFADC = 1.25 V.
For RSx+MON (internal monitoring of the voltage on the RS0+ to
RS3+ pins), divide by 50 to scale them to the 0 V to REFADC
range. Use the ADC in single-ended mode. The RSx+MON monitor
result registers store the 12-bit ADC results for the current sense
supply channels (see Figure 42).
Figure 42. Internal Channel Monitoring
DAC OPERATION
The AD7293 contains eight 12-bit DACs, four bipolar DACs,
and four unipolar DACs. These provide digital control with 12 bits
of resolution combined with offset range select registers and a
2.5 V internal reference. The DAC core is a 12-bit string DAC. The
resistor string structure consists of a string of resistors, each of
Value R. The code loaded to the DAC register determines at
which node on the string the voltage is tapped off to be fed into
the output amplifier. When one of the switches connecting the
string to an amplifier is closed, the voltage is tapped off. This
architecture is inherently monotonic and linear. The eight DACs
are split into two groups based on their output range.
Bipolar DACs
The bipolar DACs (BI-VOUT0, BI-VOUT1, BI-VOUT2, and BI-VOUT3)
can be configured through the offset range registers to 0 V to
+5 V, −5 V to 0 V, or −4 V to +1 V (see Table 85).
Writing to these register addresses sets the 12-bit DAC output
voltage. There is also a load bit and a copy bit (see Table 27).
If the load bit is set to 1, the device waits for LDAC to become
active before loading the voltage codes onto the DACs rather than
immediately after the write operation. If the copy bit is set to 1
when writing to a bipolar DAC register, it sets all bipolar DAC
registers to the same value in open-loop mode only.
OFFSET
n
REFIN
OUT
V
D
V
V
+
×
×
=
2
2
where:
VREFIN = 2.5 V.
D is the decimal equivalent of the binary code that is loaded to
the DAC register (0 to 4095 for the 12-bit AD7293).
n is the resolution of the DAC.
VOFFSET = 0 V (0 V to +5 V range), −4 V (−4 V to +1 V range), or
−5 V (−5 V to 0 V range).
2N3904
NPN
AD7293
Dx+
Dx–
10pF
10pF
2N3906
PNP
AD7293
Dx+
Dx–
12-BIT
SAR ADC
MUX
0V TO +1.25V
0V TO +62.5V
RS0+MON
0V TO +1.25V
0V TO +62.5V
RS1+MON
0V TO +1.25V
0V TO +62.5V
RS2+MON
0V TO +1.25V
0V TO +62.5V
RS3+MON
0V TO +1.25V
–5V TO +5V
BI-VOUT0MON
0V TO +1.25V
–5V TO +5V
BI-VOUT1MON
0V TO +1.25V
–5V TO +5V
BI-VOUT2MON
0V TO +1.25V
–5V TO +5V
BI-VOUT3MON
0V TO +1.25V
0V TO +6.25V
DACVDD-BI
0V TO +1.25V
0V TO 25V
DACVDD-UNI
0V TO +1.25V
–7.5V TO +2.5V
AVSS
0V TO +1.25V
0V TO +6.25V
AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com