Electronic Components Datasheet Search
  English  ▼

X  

AD7293 Datasheet(PDF) 71 Page - Analog Devices

Part # AD7293
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD7293 Datasheet HTML 67Page - Analog Devices AD7293 Datasheet HTML 68Page - Analog Devices AD7293 Datasheet HTML 69Page - Analog Devices AD7293 Datasheet HTML 70Page - Analog Devices AD7293 Datasheet HTML 71Page - Analog Devices AD7293 Datasheet HTML 72Page - Analog Devices AD7293 Datasheet HTML 73Page - Analog Devices AD7293 Datasheet HTML 74Page - Analog Devices AD7293 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 71 of 78
MODES OF OPERTION
There are two methods of initiating a conversion on the
AD7293: background mode and command mode.
Background Mode (BG)
The AD7293 can be configured to continuously convert on a
programmable cycle of channels, making it the ideal mode of
operation for system monitoring. These conversions take place
in the background and are transparent to the master. Typically,
this mode is used to automatically monitor a selection of channels
with either the limit registers programmed to signal an out of
range condition via the alert function or with the minimum/
maximum recorders tracking the variation over time of a
particular channel. Reads and writes can be performed at any
time during this mode (the result registers contains the most
recent conversion results).
On power-up, this mode is disabled. This mode can be enabled
by writing to the background enable bits (VINx background enable
register; temperature sensor background enable register; current
sensor background enable register; and the RS+MON, supply
monitor, and BI-VOUTx background enable register) from the
configuration page. The background conversions are active only
when CS is pulled high, that is, the interface is not active.
When CS is pulled low, the conversions pauses and resumes
from the last channel in the cycle when CS is pulled high again.
The user can read back the conversion results via the channel
specific result registers.
If a command mode conversion is requested while the background
mode is active, the scheduled background mode conversion
from the cycle pauses while CS is low and tags onto the command
mode conversion. Conversion is reflected in the ADC busy
signal, which stays true for the combined duration of the
command mode conversion and the background mode.
If the background conversions are enabled during the closed-
loop mode operation, they run continuously irrespective of CS
status. However, the results of the ADC conversions are only
stored if CS is pulled high.
The ADC background cycle prioritizes in the following order:
VIN0 to VIN3, TSENSEINT, TSENSED0, TSENSED1, ISENSE0 to ISENSE3,
voltage supply monitoring, BI-VOUT0MON to BI-VOUT3MON, and
RS0+MON to RS3+MON.
Command Mode
Command mode is useful for controlling the sampling instant
on the VINx channels if an ac waveform is being converted. To
enter this mode and initiate a conversion on a channel, the
special command byte, 0x82, must be written to the device.
When the conversion command is received, the AD7293 uses
the current values in the registers on the sequence page to
determine which channel to convert on and subsequently read
back from. The common result register is updated with the
result of the current conversion channel, which allows the user
to continuously read back the conversion results in command
mode. The ADC command mode sequencer prioritizes in this
order: VIN0 to VIN3, TSENSEINT, TSENSED0, TSENSED1, ISENSE0 to
ISENSE3, voltage supply monitoring, BI-VOUT0MON to BI-VOUT3MON,
and RS0+MON to RS3+MON. The sequencer can be reset by writing
to any of the sequence registers.
In the example in Figure 55, to initiate the continuous conversion
command mode, point to the sequence page and write to the
relevant sequence registers. The ADC sequence register is
programmed to convert on analog input channels, VIN0 to VIN2,
in this example. The first conversion takes place when the AD7293
enters command mode after the special command byte. Every
subsequent conversion is initiated after the result readback
frame, as shown in Figure 55.
Figure 56 shows another example for a command mode conver-
sion with a fixed 24-bit SPI frame length. The first conversion is
initiated when the device enters the command mode after the
special command byte, which is followed by a 24-bit readback
of the conversion result. The device exits command mode
when CS is pulled high, although the sequencer is not reset.
Every subsequent conversion is initiated by reentering the
command mode via the special command byte after which the
user must wait long enough to allow the device to finish any
conversions before reading back the next result.
Current Sensor and Temperature Sensor Conversions
Conversions on the temperature and current sensor channels
can be enabled only via one set of registers, TSENSEx background
enable and ISENSEx background enable, respectively, unlike the
other channels, because the current sense and temperature
sense amplifiers work by integrating the input voltage for a
fixed amount of time, depending on the gain required. At the
end of this integration period, a request is sent to the ADC for a
conversion to be performed. The ADC deals with these requests
in the order in which they arrive. For the other channels, the
ADC starts converting immediately. The corresponding sequence
register for these channels is used only to put the temperature
and current sensor results in the command mode readback
sequence and not to enable conversions on these channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com