Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 18 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
CFG1
Configuration Register 1
Read Address
0x01 (Byte 2)
Write Address
0x01
Default
0x00
7:3
2
1
0
00000
*)
DISREG
DISREF
TRSLP
*) Bits must remain unchanged in order to guarantee the correct functioning of the IC
DISREG
0
Internal automatic gain-offset-controller activated
1
Internal automatic gain-offset-controller deactivated
TRSLP
0
Trigger event occurs on the falling edge of pin TRG
1
Trigger event occurs on the rising edge of pin TRG
DISREF
0
Reference point processing activated
1
Reference point processing deactivated
ERRMASK
Error Mask Register
Read Address
0x01 (Byte 3)
Write Address
0x02
Default
0x3F
7
6
5
4
3
2
1
0
Latch
Hold
Fast2
Fast1
ADCOVL
BQLO
OCOMP
GCOMP
GCOMP
Enable Gain Error Detection
OCOMP
Enable Offset Error Detection
BQLOW
Enable Sensor Breakage Detection
ADCOVL
Enable ADC Clipping Detection
FAST1
Enable Speed monitoring (Counter and A/B-Signals)
FAST2
Enable Speed monitoring (A/B-Signals)
HOLD
Deactivate square-wave outputs in event of an error
LATCH
Store error states
For detailed Information about the meaning of the bits refere to chapter 8.
For square wave operation (A/B-Signals) it is recommended to set the error mask register to 0x3F or
0xFF respectively, in counter mode use the error mask register loaded with 0xDF and set the SPEED
bit in the CFG0 register.
SYNC
SPI-Synchronization Register
Write Address
0x03
Default
0x00
7
6
5
4:0
ASYNC
0
0
SYNCVAL
ASYNC
0
Import read data with SPI-RD0/ST the next time the contents of the cycle
counter and SYNCVAL are identical
1
Import read data always with SPI-RD0/ST
SYNCVAL
Sequential control counter compare value for SPI synchronization
For more detailed information about the functions of these bits refer to chapter 5.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com