Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IP200 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 5 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
2
Input Signals
The two input signals for the interpolation function are analogue voltages (sine/cosine) with a sine-shaped
dependency on the measured value (position or angle respectively) with a phase shift of 90° between these
two analogue voltages, related to one period of the scale. A third input signal serves as a reference signal for
determining the zero or reference point of the scale. All the three input signals are processed as differential
signals.
2.1
Analogue Signal Properties
SinP
SinN
Difference Signal Sin = SinP-SinN
Vdiff Peak to Peak
Difference Signal Cos = CosP-CosN
Vdiff Peak to Peak
CosP
CosN
90° Phase Shift
Angle 0°
Figure 2
Differential Analogue Input Voltage
1)
500mVpp
Analogue Input Voltage VDiff (nominal)
1Vpp
Input Range for VDiff
0.8Vpp ... 1.2Vpp
Maximum Signal Offset Error
100mV
Sine/Cosine Phase Shift
90° (adjustable
10°)
1) on pins SINP, SINN, COSP, COSN
2.2
Signal Correction
The input signals are subject to a automatic gain and offset control patented by GEMAC. The amplitude
controller is specified for a control range of
20% of nominal input voltage. The offset of the external signals
must not exceed a value of
10% of nominal input voltage. The phase shift of the input signals can be
statically adjusted by a external analogue potentiometer in a range of
10° (also refer to Application Notes
4300x-AN-3-0-E-IPx.pdf).
A Chip Reset results in setting the gain-offset-controller to midscale. For achieving the best interpolation
performance, the gain-offset-controller needs approximately 20 signal periods for reaching a steady state.
Until this time, the input signal frequency must not exceed 50% of the specified maximum signal frequency
(refer to chapter 4.4).
All signal errors figures as a union in the IP200. In some special cases means decreasing of one signal error
result in a wider permissible range of another signal error. For achieving the highest performance of the
automatic gain-offset-controller, it is recommended to carefully adjust the phase shift on the connected
sensor itself. This is important especially for high interpolation rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com