Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 7 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
3
A/D-Converter
The IP200 contains two integrated Analogue Digital Converter with a maximum sample rate of 1.25MS/s. In
some special applications, were the analogue sensor signal do not match the analogue front end (AFE)
specification (nominal 1Vpp), it is possible to connect the input signals to the Analogue Digital Converter
inputs, bypassing the AFE. In this case, the conditioned sensor signals must be sine shaped with a
amplitude of 2.4Vpp centred around the ADC common mode level V0. The IP200 includes a on-chip
reference voltage circuit that generates the V0 with a nominal voltage of 2.375V.
3.1
Input Circuit Rating
VNOM = 1.3 (VRP - VRN) (Nominal Amplitude Peak-Peak)
VMAX = V0 + (VRP - VRN)
V0 = ½ (VRP + VRN) (Midscale Voltage)
Reserve for Gain- and Offset Errors
Reserve for Gain- and Offset Errors
VMIN = V0 - (VRP - VRN)
VRP : positive ADC-Reference Voltage
VRN : negative ADC-Reference Voltage
Figure 4
The following reference voltage levels appear on external pins:
Pin
Nominal Value
Positive Reference Voltage (VRP) Sine-ADC
RSH
3.30V
Positive Reference Voltage (VRP) Cosine-ADC
RCH
3.30V
Negative Reference Voltage (VRN) Sine-ADC
RSL
1.45V
Negative Reference Voltage (VRN) Cosine-ADC
RCL
1.45V
Midscale Voltage for external analogue circuitry
V0
2.375V
Nominal amplitude
UNOM
2.405V
Maximum voltage
UMAX
4.225V
Minimum voltage
UMIN
0.525V
For information about the tolerances see chapter Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com