Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 15 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
6
Registers
The IP200 contains 16-bit and 32-bit read registers, as well as 8-bit write registers. The addresses are
assigned separately for the read and write registers. A third address space is reserved for commands.
6.1
Read Registers
Address
Description
Byte 3
Byte 2
Byte 1
Byte 0
0x00
Measurement Value / Status
MVAL
0x01
Configuration / Status
ERRMASK
CFG1
CFG0
STAT
0x03
Interpolation results
DPHI
PHI
0x04
Controller Sine
SOFF
SGAIN
0x05
Controller Cosine
COFF
CGAIN
0x07
Counter Value / Status
CNT
6.2
Write Registers
Address
Description
Name
0x00
Configuration
CFG0
0x01
Configuration
CFG1
0x02
Configuration
ERRMASK
0x03
SPI-Synchronisation
SYNC
0x04
Configuration IC-Test
TSTCFG
0x07
Controller Sinus (Gain)
SGAIN
0x08
Controller Sinus (Offset)
SOFF
0x09
Controller Cosine (Gain)
CGAIN
0x0A
Controller Cosine (Offset) COFF
6.3
Commands
Command
Name
Description
0x00
Channel
The hardware address will be read from pins DP(3:0). Send this command
always as broadcast command!
In multi-channel systems this command must send and executed first after a
global reset!
0x01
Reset
Counter
The parallel counter (register CNT) is reset, the error register is reset.
Note, that the values of trigger hold registers remains unchanged.
0x02
Reset
Controller
The gain-offset-controller will be set to midscale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com