Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 11 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
5
Interfaces
The measurement results can be read out over the integrated serial interface (SPI). It is also possible to
make a more detailed configuration of the IP200 IC over this interface than over hardware. For high speed
applications the additional 16-bit wide parallel port allow to read out the measurement results continuously
with up to 32MBit/s.
5.1
Structure
SPI
RD-Register Bank
D_IN
ADR
CE
D
Q
WR-Register Bank
D
Q
CE
D_OUT
C-CNT
SYNC
RD0/ST
PAR-RD-Reg.
SPI-RD-Reg.
R0
nDTHLD
H
L
D(15:0)
SPI
Cycle Counter
R1
...
...
R8
W4
W3
W2
W1
W0
1
OUTHIGH
Figure 6
5.2
Serial Interface (SPI)
The serial interface contains a 16-bit shift register for read accesses and write accesses each. An additional
16-
bit hold register series for the intermediate storage of the two MSB’s during read accesses. An 8-bit
address register is used for both read and write accesses. Writing into the IP200 takes place in a byte-
oriented manner whilst reading being a word-oriented process. Transmission itself is effected as 16-bit
words. A read command triggers the pertinent data output during the next access. A single-byte command is
executed at the end of data transmission. Up to 16 channels can be operated at this interface. The hardware
address of the IC is determined by reading the DP(3:0) pins by a special command.
5.2.1
Signals
The IP200 is a slave which evaluates commands and data received, but which is unable to start a
communication process. The SPI protocol is executed via 4 lines:
SDI
Data input
SDO
Data output (open drain), SDO also serving as the RDY signal
SCLK
Clock
SEN
Enable
The used SPI-protocol is not compatible to the usual micro controller- or DSP-families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com