Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 28 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
12.4
Bond Pattern
ADC
ADC
Digital Circuit
Analog Circuit
IP200
3723 ; 339,85 PH
3723 ; 590,50 V0S180
3723 ; 830,00 VDDA3
3723 ; 991,25 VSSA3
3723 ; 1166,05 V0C
3723 ; 1376,35 IT2
3723 ; 1581,05 IT1
3723 ; 1785,75 IR2
V0S
58 ; 345,40
REFP 58 ; 571,65
REFN 58 ; 758,50
VDDA1 58 ; 988,85
VSSA1 58 ; 1162,85
TM
58 ; 1382,30
VDD3 58 ; 1639,80
VSSZ 58 ; 1798,20
SDO
57 ; 2164,80
SDI
57 ; 2342,15
SCEN
57 ; 2555,10
SCLK
57 ; 2780,70
XA
57 ; 3056,70
XB
57 ; 3214,70
CLRTRG
57 ; 3472,10
OUTHIGH
57 ; 3681,75
VDD2
57 ; 3902,80
VSS2
57 ; 4099,25
3724 ; 4101,75 VSS1
3724 ; 3894,30 VDD1
3724 ; 3671,10 NRES
3724 ; 3457,00 NERR
3724 ; 3246,90 TRG
3724 ; 3015,90 A
3724 ; 2819,30 B
3724 ; 2634,20 OREF
3724 ; 2376,10 IR0
3724 ; 2198,60 IR1
x -35; y -35
lower left corner
upper right corner
x 3915 ; y 4665
Notes:
1. All linear dimensions are in µm.
2. All pad dimensions refer to metall layer 2.
3. Pad size: 99,000 x 99,000.
4. Pad center point: X+49,500 x Y+49,500.
5. Dimension of lower left corner of bond window refer to pad dimensions: X+7,000 x Y+7,000.
6. Size of bond window: 85,000 x 85,000.
y
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com