Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 27 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
12.2
Double Function Pins
During reset process (the time between rising edge at NRES input and rising edge at SDO/RDY output) the
following pins are required for IC configuration:
Name
During Reset
After Reset
IT1 / DP3
Interval Time
SPI Hardware Address (Initial value)
IR2 / DP2
Interpolation Rate
SPI Hardware Address (Initial value)
IR1 / DP1
Interpolation Rate
SPI Hardware Address (Initial value)
IR0 / DP0
Interpolation Rate
SPI Hardware Address (Initial value)
TRG / GFE
Glitch Filter Enable
Trigger Signal
SDI / SPEED
SPEED Mode Select
SPI Data Input
The attachment circuit of these pins depends upon the used interface type for measurement result output
and the preferred method
of configuration. Refer also to the application notes in the document “ 4300x-AN-3-
0-E-
IPx.pdf”.
12.3
Packaging
TQFP64 Package:
Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com