Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 20 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
7
Measurement Trigger
A signal edge event on pin TRG/GFE stores the current measurement result (counter value) in one of the
two-level deep trigger hold register. The active trigger edge is configured by the configuration bit TRGSLP
(register CFG1).
A read access to the register MVAL returns
the “oldest” value of the trigger hold register. If the trigger register
contains no active value, the current counter value returns in result of the read access. It is possible to save
the results of two trigger events. While not both trigger register would be read out, all following trigger events
are ignored. The TRGOVL bit in register MVAL is set, if a trigger event occurs and both trigger hold register
contains valid data.
Every SPI read access to the register MVAL releases one trigger hold register. Only if trigger hold register 1
is empty (TR1=0), a new trigger processing is possible. If the parallel interface used solely as output port,
the pin CLRTRG must be operated to confirm the reading of one trigger event result.
A logic
“1” in the FROZEN bit out of the register MVAL indicates the source of the read value as trigger result.
A logic
“0” in this bit indicates the read access as normal read of the counter value. The actual state of the
trigger is coded in the bits TR(1:0)of the status register (STAT).
TR(1:0) TRGOVL
FROZEN
MVAL
contents
next Trigger Event
00
0
0
Current counter value
Storing to Trigger Hold Register 0
01
0
1
Trigger Hold Register 0
Storing to Trigger Hold Register 1
10
0
1
Trigger Hold Register 1
Storing disabled, TRGOVL will be set
11
0
1
Trigger Hold Register 0
Storing disabled, TRGOVL will be set
10
1
1
Trigger Hold Register 1
Storing disabled, TRGOVL is set
11
1
1
Trigger Hold Register 0
Storing disabled, TRGOVL is set
For applications which need fast response time related to trigger events and a high data rate on the serial
port as well , it could be better to read out only the 16 LSB of the MVAL register to check out if a trigger event
occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com