Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 9 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
4.2
Error Signal
An error signal is generated if the input signals are no longer plausible. The error signal is also generated if
the input frequency is so high that the square-wave signals are unable to follow, and/or when the maximum
input frequency is exceeded. The evaluation of the internal error sources is activated via an error mask
register. The response of the square-wave outputs in the event of an error can also be configured via this
register. The NERR and NRES pins can be connected in order to start a re-synchronisation process of the IC
in the event of an error.
If the error signal was activated, and/or if one of the error bits was set in the result register, the present
measuring result and all the following results must be discarded. Following elimination of the cause of the
error and a reset of the error bit, the reference point must once again be passed by for absolute value
measurements!
4.3
Interpolation Rate
The interpolation rate can be set at 200, 160, 100, 80, 50, 40, 25 and 20. The interpolation rate as defined
for the purposes of this application is the number of increments into which one sine period of the input signal
is divided. This also corresponds to the number of edge changes on the A/B output signals per input signal
period. This means that the number of square-wave periods at the A and B outputs totals 1/4 of the
interpolation rate per input signal period.
In the event that a standard interpolation counter or quadrature decoder is connected to the A/B outputs, this
must work in "quadruple evaluation" mode in order to achieve the full interpolation rate.
4.4
Interval Time / Maximum Input Frequency
The interval time (IT) and the minimum edge distance tpp at the output signals, respectively, can be set in
binary steps at values between 1/fosz and 128/fosz.
In counter mode (the SPEED Bit in the CFG0 Register being set), the maximum input frequency totals
fmax=fosc /96. In all the other modes, the maximum input frequency is limited by the minimum pulse
distance at the output, where:
fmax  0.9*fOSZ /(IRIT) <
fosz/96
fosc:
Clock frequency at Pin XA
IR
:
Activated Interpolation Rate
IT
:
Activated Interval Time
The limit values are a maximum input frequency of aprox. 400kHz with a clock frequency of 40MHz on the
one hand, as well as a guaranteed edge distance of 128µs at the A/B signals with a clock frequency of 1MHz
on the other. Between these two limits, a large number of specific systems can be adapted by selecting a
suitable clock frequency and interval time of the IP200.
These values apply on condition of an adjusted phase between the input signals and a steady state of the
internal gain-offset-controller. Until this time, the input frequency must not exceed 50% of the specified
maximum frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com