Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IP200 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 4 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
Features
Analogue Input
 3 channels: sine/cosine/reference signal
 Standard connection 1V
pp (differential)
 Input frequency of up to 400kHz
AD converter
 up to 1.25MS/s
 Single-Ended Input 2.4V
pp
Signal correction
 Automatic gain and offset controller
 External potentiometer for analogue phase correction
Interpolation rates
 200, 160, 100, 80, 50, 40, 25, 20
Measuring result outputs
 28 - Bit counter
 90° - square wave sequences
 Error signal
Configuration options
 Via configuration pins
 Via serial interface (SPI)
Serial interface (SPI)
 For Configuration and measuring value output
 16-Bit synchronous/asynchronous mode
 Not required for low-cost minimal applications
Parallel output
 For measuring value output
 16-Bit wide
 Up to 40MBit/s bandwidth
Miscellaneous
 Filter for suppressing edge noise at low speed input signals
 Programmable interval time for adapting the circuit to low
speed digital components
 Two-level edge-controlled measuring trigger
 Programmable sensor error response
Package
 TQFP64 (10mm x 10mm x 1mm) or DIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com