Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 12 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
Each transfer process is triggered by the sending of a command. To this effect, SEN is kept low during 16
SCLK
clock cycles. The input data at SDI is evaluated a the rising edge of SCLK. At the same time, the
shifting of the data of the hold register is triggered at every rising edge at SCLK.
i15
i14
i13
i12
i11
i10
i9
i8
i7
i6
i5
i4
i3
i2
i1
i0
XX
XX
o15
o14
o13
o12
o11
o10
o9
o8
o7
o6
o5
o4
o3
o2
o1
o0
RDY
RDY
SCLK
SEN
SDI
SDO
Load bit 15 from SDI
tw
tVDI
tVDO
tRDY
tH
tL
tL
tL
tSETDI
Send bit 14 to SDO
Start command processing
tRDY
SPI-Access:
Figure 7
Name
Min
Max
Description
tH
2 x TOSZ + 15 ns
1)
SPI clock, H time
tL
2 x TOSZ + 15 ns
1)
SPI clock, L time
tw
1 x TOSZ + 15 ns
1)
Waiting time between SEN falling and SCLK rising
tRDY
3 x TOSZ + 15 ns
4 x TOSZ + 15 ns
Switching delay RDY / SDO from SEN
tVDI
15 ns
Time between SCLK rising and data read
tSETDI
1 x TOSZ + 15 ns
1)
Setup time SDI before SCLK
tVDO
4 TOSZ + 15 ns
5 TOSZ + 15 ns
Time between SCLK rising and data output
5.2.2
Protocol
Bit No. at signal SDI
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Description
0
X
0
0
X
X
X
X
X
X
X
X
X
X
X
X
RES
Reserved
0
nB
2)
0
1
H3
2)
H2
2)
H1
2)
H0
2)
A7
A6
A5
A4
A3
A2
A1
A0
WRA
Write Address
0
nB
2)
1
0
H3
2)
H2
2)
H1
2)
H0
2)
D7
D6
D5
D4
D3
D2
D1
D0
WRD
Write Data
0
nB
2)
1
1
H3
2)
H2
2)
H1
2)
H0
2)
C7
C6
C5
C4
C3
C2
C1
C0
WRC
Write Command
1
nB
2)
0
0
H3
2)
H2
2)
H1
2)
H0
2)
A7
A6
A5
A4
A3
A2
A1
A0
RD0
/ST
Read Byte 0 + 1 (LSB)
1)
1
nB
2)
0
1
H3
2)
H2
2)
H1
2)
H0
2)
X
X
X
X
X
X
X
X
RD1
Read Byte 2 + 3 (MSB)
1
nB
2)
1
X
H3
2)
H2
2)
H1
2)
H0
2)
X
X
X
X
X
X
X
X
NOP
Output Read-Register
1) command load the internal data into a 32-bit hold register
2) bit must be set to zero in single-channel systems
Bit
Name
Description
0:
Command to all channels (for WRA/WRD/WRC only)
nB
Broadcast mode
(Low-active)
1:
Command to the channel addressed by H(3:0)
H(3:0)
Hardware address
IP200-Channel address for single access (nB=1)
Default: 0x00
A(7:0)
Register address
IP200-Register address
C(7:0)
Command
Single-word command
D(7:0)
Data word
Write data
(readed data appears at SDO)
Command word examples
Set address register in all channels connected at 0x01:
0x1001
Write data 0x48 in channel 0x04:
0x6448
Read L word from register 0x07, one IC existing only:
0x8007
Configuration of the hardware address in all the channels connected:
0x3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com