Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 14 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
5.3
Parallel Data Port
This interface outputs the last activated SPI read register synchronized to the IP200 internal sequential
control counter. The appearing data are separated into two 16-bit words. After reset, the data of the SPI read
register address 0x00(MVAL)appears on DATA(15:0) by default.
D(31:16)
D(31:16)
D(15:0)
30
Sequential
Control Counter
29
DATA(15:0)
OUTHIGH
31
0
1
14
13
15
16
17
STRB
TDelay
XA
Signal
TDelay < 15ns
Figure 12
To reduce switching noise on the data port the Data outputs DATA(15:8) will be switched 1 clock cycle after
the outputs DATA(7:0). That's why the value at DATA(15:8) is undefined in the clock cycles 0 and 16.
For external components the edges of OUTHIGH can be used to register the new valid data. The level on
OUTHIGH
show, which part of the 32-bit read value is active on the data pins (either LSB or MSB). A optional
Strobe-Signal (on pin OREF) can be activated via TSTRB bit in the configuration register TSTCFG.
To get out a desired read register on parallel port, it is necessary to read this register via serial interface first.
EVERY other SPI access at any time can change the behaviour of parallel port.
If the parallel interface be used solely as output port, please select carefully the corresponding attachment
circuit of the configuration and the double function pins at the IP200. Please refer also application notes in
the document 4300x-AN-3-0-E-IPx.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com