Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 22 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
9
Reset / Configuration
The IP200 IC does not contain an internal Power-On-Reset circuit! It is essential to supply the IP200
with an external reset signal on pin NRES. This reset signal must appear low until 3ms after VDD rising to a
voltage level of 4.75V.
If NRES and NERR are shorted, the error signal is hel
d through the “NERR -chain” while one of the chain flip-
flops contains a “0”.
NRES
Reset (LOW-active) to
all Flip Flops in the IC
NRES
CLK
internal NERR
D
Q
CLK
D
Q
NERR
VDD
Chain of Flip Flops,
not affected by NRES-Signal
IP200
Figure 13
9.1
Reset Processing
1.
Pin SDO/RDY goes to L, all register will be initialised with default values.
2.
The IC is operating a self-calibration, the configuration pins are read into the CFG0 register.
3.
Start of normal operation.
4.
Pin SDO/RDY goes to H (external pull-up required).
5.
The configuration register could be changed via SPI interface.
The time between the rising edge of NRES and the rising edge of SDO/RDY, which means the end of the
reset process, amount to approximately 1365 system clocks.
9.2
Configuration
There are two different types of configuration possible:
Configuration via input pins
 The register CFG0 will be configured via the input pins IR(2:0), IT(2:1), TRG/GFE and
SDI/SPEED
.
 All other registers are initialised with default values.
 Suitable for low-cost single-chip and standard applications.
Configuration via SPI
 Pins DP(3:0) select SPI hardware address (for multi-channel systems only).
 Suitable for applications with SPI interface, for example microcontroller systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com