Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 10 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
Clock Frequency Examples
fOSC = 40MHz
fmaxCNT = 400kHz
IR
IT
tpp
fmax
IR
IT
tpp
fmax
IR
IT
tpp
fmax
IR
IT
tpp
fmax
1
31ns
180k
1
31ns
225k
1
31ns
360k
1
31ns
400k
2
62ns
90k
2
62ns
113k
2
62ns
180k
2
62ns
225k
4 125ns
45k
4 125ns
56k
4
125ns
90k
4
125ns
113k
8 250ns
22.5k
8 250ns
28k
8
250ns
45k
8
250ns
56k
16 500ns
11.3k
16 500ns
14k
16 500ns
22.5k
16 500ns
28k
32
1µs
5.6k
32
1µs
7k
32
1µs
11.3k
32
1µs
14k
64
2µs
2.8k
64
2µs
3.5k
64
2µs
5.6k
64
2µs
7k
200
128
4µs
1.4k
160
128
4µs
1.8k
100
128
4µs
2.8k
80
128
4µs
3.5k
1
31ns
400k
1
31ns
400k
1
31ns
400k
1
31ns
400k
2
62ns
360k
2
62ns
400k
2
62ns
400k
2
62ns
400k
4 125ns
180k
4 125ns
225k
4
125ns
360k
4
125ns
400k
8 250ns
90k
8 250ns
113k
8
250ns
180k
8
250ns
225k
16 500ns
45k
16 500ns
56k
16 500ns
90k
16 500ns
113k
32
1µs
22.5k
32
1µs
28k
32
1µs
45k
32
1µs
56k
64
2µs
11.3k
64
2µs
14k
64
2µs
22.5k
64
2µs
28k
50
128
4µs
5.6k
40
128
4µs
7k
25
128
4µs
11.3k
20
128
4µs
14k
marked cells:
Error FAST1 appears on speed overflow
normal cells:
Error FAST2 appears on speed overflow
4.5
Glitch Filter
In order to avoid permanent toggling of the downstream counters as a result of analogue noise of the input
signals while the measuring system is in standstill, a digital filter can be optionally activated for the square-
wave outputs (pin / bit GFE).
In such a case, the minimum edge distance at the output (tpp) is then
automatically set at 2048 / fosc while the measuring system is in standstill or at smaller input frequencies.
Note that in the switching range to the automatic activation / deactivation of this filter, the A/B output signals
are not speed-proportional in each case!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com