Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 19 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
TSTCFG
Configuration IC-Test
Write Address
0x04
Default
0x00
7:3
2
1:0
00000
*)
TSTRB
00
*)
*) Bits must remain unchanged in order to guarantee the correct functioning of the IC
TSTRB
0
Configure pin OREF as index point output
1
Configure pin OREF as Strobe-Signal for the parallel Interface
SGAIN
Gain Correction Value, Sine
CGAIN
Gain Correction Value, Cosine
Read Address
0x04 / 0x05 (Byte 0)
Write Address
0x07 / 0x09
Default
0x80
7:0
GAIN
GAIN
Current value of the gain correction registers (unsigned, binary)
Scaling:
0x00
Factor 0.5
0x80
Factor 1
0xFF
Factor 1.5
SOFF
Offset Correction Value, Sine
COFF
Offset Correction Value, Cosine
Read Address
0x04 / 0x05 (Byte 1)
Write Address
0x08 / 0x0A
Default
0x00
7:0
OFFSET
OFFSET
Current value of the offset correction registers (two's complement)
Scaling:
0x80
Maximum Offset negative (-25% ADC Maximum)
0x00
No Offset
0x7F
Maximum Offset positive (+25% ADC Maximum)
Write accesses to the SOFF/COFF/SGAIN/CGAIN register serve for pre-setting - these registers are
permanently updated by the internal automatic gain-offset-controller.
The scaling factor indicated applies to the behaviour of the adjustment register; it does not describe the
maximum signal error possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com