Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 16 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
6.4
Coding
MVAL
Measurement Value / Status
Read Address
0x00
Default
0x00
31:4
3
2
1
0
CNT
FAST1
SENSERR
TRGOVL
FROZEN
CNT
Counter Value or Trigger Value respectively (28-bit -
two’s complement)
FAST1
Speed Error
SENSERR
Sensor Error (ADC overflow, sensor breakage, gain- or offset error)
TRGOVL
Trigger Overflow
FROZEN
0
CNT
contains the current counter value
1
CNT
contains the oldest trigger value stored
For more detailed information about the functions of these bits refer to chapter 7 and 8.
Examples:
0x00004200
Result 0x00000420 is current counter value
0x00004201
Result 0x00000420 is trigger value, no errors
0x00004203
Result 0x00000420 is trigger value, one or more trigger events are lost
0x00004204
Sensor error, Result invalid
0x00004205
Sensor error, Result invalid
CNT
Counter Value / Status
Read Address
0x07
Default
0x00
31:4
3
2
1
0
CNT
GCOMP
OCOMP
AMPERR
FAST1
CNT
Counter Value (28-bit -
two’s complement)
FAST1
Speed Error
AMPERR
Sensor Error (ADC overflow or sensor breakage)
OCOMP
Offset Error
GCOMP
Gain Error
For more detailed information about the functions of these bits refer to chapter 7 and 8.
STAT
Status
Read Address
0x01 (Byte 0)
Default
0x00
7:6
5
4
3
2
1
0
TR(1:0)
Fast2
Fast1
ADCOVL
BQLO
OCOMP
GCOMP
GCOMP
Gain Error
OCOMP
Offset Error
BQLOW
Sensor Breakage
ADCOVL
ADC Overflow
FAST1
Speed Error (Counter and A/B-Signals)
FAST2
Speed Error (A/B-Signals)
TR(1:0)
Status of Trigger-Hold-Registers
For more detailed information about the functions of these bits refer to chapter 7 and 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com