Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 24 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
11 Electrical Characteristics
Absolute maximum ratings
Min.
TYP
Max
Unit
Power supply VDD
0.3
7
V
Temperature
*)
-55
125
°C
storage temperature
-55
155
°C
ESD
1
kV
*) with defined circuit
Crossing these ratings can damage the IC; events of maximum supply voltage and maximum temperature at the same time have been
to avoid.
Recommended Operating Conditions
MIN
NOM
MAX
Unit
Supply voltages (VDD, VDDA) with respect to Ground (VSS)
4.75
5.0
5.25
V
Supply current analogue (@20°C)
10
20
35
mA
Supply current digital (@20MHz & 20°C)
40
mA
System clock pulse duration time Low / High
12.5
*)
500
ns
System clock frequency range fosc
1
40
*)
MHz
Operating case temperature
-20
85
°C
Digital input and output voltage V_IL
0
0.3 x VDD
V
Digital input and output voltage V_IH
0.7 x VDD
VDD
V
Digital input and output voltage V_OL
***)
0
0.8
V
Digital input and output voltage V_OH
***)
2
VDD
V
Crystal
**) connected to XA and XB:
Internal load capacitance ( XA, XB)
6
pF
Power-On-Time
3
ms
*) Note that the system clock pulse duration time does not remain under minimum throughout the entire temperature range, if a crystal is
used.
**) The IP200 circuit is intended for series resonant fundamental mode operation.
***) I_out max. 4mA
Interpolation
MIN
NOM
MAX
Unit
Input frequency range
0
fosz / 96
kHz
Automatic gain control range
20%
Automatic offset control range
10%
related to nom.
amplitude
Interpolation Rates
20 / 25 / 40 / 50 / 80 / 100 / 160 / 200
Minimum interval time A/B - Signals
1 / fosz
128 / fosz
ns
Interpolation accuracy @ I-Rate = 200, f< 100kHz
0.7
1.2
Inc.
Interpolation accuracy @ I-Rate = 200, 250kHz <f
2
Inc.
Propagation delay counter
90 / fosc
ns
Propagation delay square-wave outputs (A/B/OREF)
122 / fosc
ns
Reference pulse position related to Sin
0°
Data Rate parallel interface (DWORDS, 32 Bit)
fosc / 32
MHz
Pulse width at TRG / CLRTRG
4 / fosc + 15
ns
time constant glitch filter
2048/ fosc
ns
Analogue Input Specifications
MIN
NOM
MAX
Unit
Input voltage range analog pins
*)
0
VDD-1.2
V
Input current analog pins
*)
<1
µA
Input impedance analog pins
*)
6pF||1G
Input frequency range SIINP,SINN,COSP,COSN
(< 1dB attenuation)
400
kHz
Phase offset between SIN and COS @100kHz
0.5
°
Peak to peak input voltage SINN
 SINP / COSN  COSP
0.8
1.0
1.2
Vpp
Common Mode Level SINN
 SINP / COSN  COSP
1.5
VCC / 2
VCC - 1.5V
V
CMRR (< 5Hz)
66
dB
PSRR (< 5Hz)
66
dB
Input Impedance
1G
||8pF
Load capacitance at OUTS/OUTC @ RS = 510
1
nF
Load capacitance at OUTS/OUTC @ RS > 2k
10
µF
Source current at V0
-100
100
µA
Phase deviation
10.5
11.3
12
°
Switching voltage of index point comparator
-6
0
6
mV
Hysteresis of index point comparator
8
12
20
mV
*) at the pins SINP, SINN, COSP, COSN, REFP, REFN, INPS and INPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com