Electronic Components Datasheet Search
  English  ▼

X  

IP200 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP200 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 26 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
12 Mechanical Characteristics
12.1
Pinout
Pin Name
Type
Description
Pin Name
Type
Description
1
DATA(0)
COUT
Data Output Port
33
SINP
AIN
Positive Signal Input Sine
2
DATA(1)
COUT
Data Output Port
34
SINN
AIN
Negative Signal Input Sine
5)
3
DATA(2)
COUT
Data Output Port
35
OUTS180 AOUT
Sine Analogue Output (Phase rev.)
4
DATA(3)
COUT
Data Output Port
36
OUTS
AOUT
Sine Analogue Output
5
DATA(4)
COUT
Data Output Port
37
INPS
AIN
ADC Input Sine
6
DATA(5)
COUT
Data Output Port
38
RSH
AIO
Pos. Reference Voltage SADC
7
DATA(6)
COUT
Data Output Port
39
RSL
AIO
Neg. Reference Voltage SADC
8
DATA(7)
COUT
Data Output Port
40
V0
AIO
Analogue Midscale Voltage
9
DATA(8)
COUT
Data Output Port
41
VSSA2
ASUP
Analogue Ground
10
DATA(9)
COUT
Data Output Port
42
VDDA2
ASUP
Analogue Supply
11
DATA(10)
COUT
Data Output Port
43
RCL
AIO
Neg. Reference Voltage CADC
12
DATA(11)
COUT
Data Output Port
44
RCH
AIO
Pos. Reference Voltage CADC
13
DATA(12)
COUT
Data Output Port
45
INPC
AIN
ADC Input Cosine
14
DATA(13)
COUT
Data Output Port
46
OUTC
AOUT
Cosine Analogue Output
15
DATA(14)
COUT
Data Output Port
47
COSN
AIN
Negative Signal Input Cosine
5)
16
DATA(15)
COUT
Data Output Port
48
COSP
AIN
Positive Signal Input Cosine
17
VSS2
DSUP
Digital Ground
49
PH
AIN
Analogue Phase Correction Input
5)
18
VDD2
DSUP
Digital Supply
50
VDDA3
ASUP
Analogue Supply
19
OUTHIGH
COUT
MSB at Parallel Data Port active
51
VSSA3
ASUP
Analogue Ground
20
CLRTRG
TTLIN
Clear Trigger
1)
52
IT2
TTLIN
Interval Time Select 3
3)
21
XB
OSC
Crystal Input B
1)
53
IT1 / DP3
TTLIN
IT Select 1 / DProg 3
3)
22
XA
OSC
Crystal Input B / ext. Clock
54
IR2 / DP2
TTLIN
Interpolation Rate / DProg 2
3)
23
SCLK
TTLIN
SPI Clock
3)
55
IR1 / DP1
TTLIN
Interpolation Rate / DProg 1
3)
24
SCEN
TTLIN
SPI Enable
2)
56
IR0 / DP0
TTLIN
Interpolation Rate / DProg 0
3)
25
SDI / SPEED
TTLIN
SPI Data Input/ SPEED (Cfg)
1)
57
OREF
COUT
Index Point Output Signal
26
SDO/RDY
CODO
SPI Data Output
4)
58
B
COUT
Square Wave Output B
27
VDD3
DSUP
Digital Supply
59
A
COUT
Square Wave Output A
28
TM
TTLIN
Test Mode Input
1)
60
TRG/GFE TTLIN
Trigger / Glitch-Filter-Enable
3)
29
VSSA1
ASUP
Analogue Ground
61
NERR
ODPU
Error Output
30
VDDA1
ASUP
Analogue Supply
62
NRES
TTLIN
Reset
31
REFN
AIN
Negative Reference Input
6)
63
VDD1
DSUP
Digital Supply
32
REFP
AIN
Positive Reference Input
6)
64
VSS1
DSUP
Digital Ground
COUT
CMOS - OUT 4mA
CODO
CMOS - OUT 4mA / Open-Drain
ODPU
CMOS - OUT 4mA / Open-Drain /w Pull Up
ODPD
CMOS - OUT 4mA / Open-Drain /w Pull Down
TTLIN
Input, TTL - Level
OSC
Oscillator - I/O, 6pF
AIN / AOUT / AIO
Analogue-IO
DSUP
Digital Power Supply
ASUP
Analogue Power Supply
1) if unused, pull Low
2) if unused, pull High
3) if unused, pull Low or High
4) if unused, connect to separate pull up resistor
5) if unused connect to V0
6)
if unused, pull the REFP and REFN inputs to different analogue voltage levels. The absolute voltage
difference between these pins must exceed the maximum reference comparator input hysteresis range for a
comparator safety behaviour
Each IC input pin requires a defined connection!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com