Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 31 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 27Page - Semtech Corporation GS3470 Datasheet HTML 28Page - Semtech Corporation GS3470 Datasheet HTML 29Page - Semtech Corporation GS3470 Datasheet HTML 30Page - Semtech Corporation GS3470 Datasheet HTML 31Page - Semtech Corporation GS3470 Datasheet HTML 32Page - Semtech Corporation GS3470 Datasheet HTML 33Page - Semtech Corporation GS3470 Datasheet HTML 34Page - Semtech Corporation GS3470 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
31 of 169
Semtech
www.semtech.com
4.9.6 DDR Parallel Clock Timing
The GS3470 has the ability to transmit 10-bit parallel video data with a DDR (Dual Data
Rate) pixel clock over a single-ended interface.
The default DDR timing is configured such that a rising clock edge can be used by a
downstream device to clock in data from the C Stream (SD and HD) and Data Stream 2
(3G), and the falling clock edge can be used by a receiving device to clock in data from
the Y Stream (SD and HD) and Data Stream 1 (3G).
Figure 4-4: DDR Video Interface - 3G Level A
Table 4-6: Delay Adjustment Range
Data Rate
Delay Line Control Parameter
Delay Range (UI)
SD
PCLK_DELAY_SD[14:10]
0.1
HD
PCLK_DELAY_HD[9:5]
0.5
3G
PCLK_DELAY_3G[4:0]
0.5
Y2
Cb1
Cr1
Cb2
Cr2
Cb3
Cr3
Cb4
Cr4
Y3
Y4
Y5
Y6
Y7
Y8
Y9
20-bit bus
(transition rate = 74.25MHz)
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Cb0
Cb1
Cb2
Cb3
Cb4
Cr0
Cr1
Cr2
Cr3
Cr4
PCLK
(148.5MHz)
Y0
Cb0
Y1
Cr0
10-bit bus
(transition rate = 148.5MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com