Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 63 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 63 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 59Page - Semtech Corporation GS3470 Datasheet HTML 60Page - Semtech Corporation GS3470 Datasheet HTML 61Page - Semtech Corporation GS3470 Datasheet HTML 62Page - Semtech Corporation GS3470 Datasheet HTML 63Page - Semtech Corporation GS3470 Datasheet HTML 64Page - Semtech Corporation GS3470 Datasheet HTML 65Page - Semtech Corporation GS3470 Datasheet HTML 66Page - Semtech Corporation GS3470 Datasheet HTML 67Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
63 of 169
Semtech
www.semtech.com
4.17.3 Ancillary Data Checksum Error
The GS3470 calculates checksums for all received ancillary data. These calculated
checksums are compared with the received ancillary data checksum words.
If a mismatch in the calculated and received checksums is detected, then a checksum
error is indicated.
When operating in HD mode, the device makes comparisons on both the Y and C
channels separately. If an error condition in the Y channel is detected, the
YCS_ERR_[2:1] bit in the ERROR_STAT_[2:1] register is set HIGH. If an error condition
in the C channel is detected, the CCS_ERR_[2:1] bit in the ERROR_STAT_[2:1] register
is set HIGH.
When operating in 3G Level A mode, the device makes comparisons on both the Y (Data
Stream 1) and C (Data Stream 2) channels separately. If an error condition in the Y
channel is detected, the YCS_ERR_[2:1] bit in the ERROR_STAT_[2:1] register is set
HIGH. If an error condition in the C channel is detected, the CCS_ERR_[2:1] bit in the
ERROR_STAT_[2:1] register is set HIGH.
When operating in 3G Level B mode, the device makes comparisons on both the Y
channel and the C channel of both Link A and Link B. For Link A, if an error condition in
the Y channel is detected, the YCS_ERR_[2:1] bit in the ERROR_STAT_1 register is set
HIGH. If an error condition in the C channel is detected, the CCS_ERR_[2:1] bit in the
ERROR_STAT_1 register is set LOW. For Link B, if an error condition in the Y channel is
detected, the YCS_ERR_[2:1] bit in the ERROR_STAT_2 register is set HIGH. If an error
condition in the C channel is detected, the CCS_ERR_[2:1] bit in the ERROR_STAT_2
register is set LOW.
When operating in SD mode, only the YCS_ERR_[2:1] bit is set HIGH when checksum
errors are detected.
4.18 Signal Processing
4.18.1 Audio De-Embedding Mode
The GS3470 includes an integrated audio de-embedder which is active when the
deserializer is configured for SMPTE mode unless disabled using the AUDIO_EN/DIS pin.
In non-SMPTE modes, the audio de-embedder is powered down to reduce power
consumption. All output pins are LOW when the de-embedder is powered down.
For detailed description of this feature, refer to Section 4.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com