Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 80 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 80 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 76Page - Semtech Corporation GS3470 Datasheet HTML 77Page - Semtech Corporation GS3470 Datasheet HTML 78Page - Semtech Corporation GS3470 Datasheet HTML 79Page - Semtech Corporation GS3470 Datasheet HTML 80Page - Semtech Corporation GS3470 Datasheet HTML 81Page - Semtech Corporation GS3470 Datasheet HTML 82Page - Semtech Corporation GS3470 Datasheet HTML 83Page - Semtech Corporation GS3470 Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
80 of 169
Semtech
www.semtech.com
4.19.3.2 Detect 5-Frame Sequence Block
Five-frame sequence detection is required for 525-line based video formats only. If the
Audio Frame Number words are set to 200h, the audio de-embedder detects the
five-frame sequence by counting the number of samples per frame. Figure 4-47 shows
the number of samples per frame over a five-frame sequence.
Figure 4-47: Sample Distribution over 5 Video Frames (525-line Systems)
When the audio inputs are asynchronously switched or disrupted, the audio
de-embedder continues to write audio samples into the audio buffer, based on the
current five-frame sequence. The de-embedder then re-locks to the new 5-frame
sequence, at which point a sample may be lost.
Note: In SD, all four channel pairs must follow the same five-frame sequence.
4.19.3.3 Audio FIFO Block
The function of the FIFO block is to change the audio data word rate from the ANC rate
multiplexed with the video signal to the 48kHz audio output rate.
The audio FIFO block contains the audio sample buffers; one per audio channel. Each
buffer is 36 audio samples deep. At power up or reset, the read pointer is held at the zero
position until 26 samples have been written into the FIFO (allows for 6 lines per frame
with no audio samples; a maximum of 4 samples per line in SD mode). See Figure 4-48.
Figure 4-48: Audio Buffer After Initial 26 Sample Write
Frame 1
1
e
m
a
r
F
5
e
m
a
r
F
4
e
m
a
r
F
3
e
m
a
r
F
2
e
m
a
r
F
5
e
m
a
r
F
1602
2
0
6
1
2
0
6
1
2
0
6
1
2
0
6
1
1601
1601
8008 Samples
1602 Repeat
Audio Buffer
0
25
35
Read
Pointer
Write
Pointer
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com