Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 58 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 58 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 54Page - Semtech Corporation GS3470 Datasheet HTML 55Page - Semtech Corporation GS3470 Datasheet HTML 56Page - Semtech Corporation GS3470 Datasheet HTML 57Page - Semtech Corporation GS3470 Datasheet HTML 58Page - Semtech Corporation GS3470 Datasheet HTML 59Page - Semtech Corporation GS3470 Datasheet HTML 60Page - Semtech Corporation GS3470 Datasheet HTML 61Page - Semtech Corporation GS3470 Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
58 of 169
Semtech
www.semtech.com
4.16.2 Line Based CRC Error Detection
The GS3470 calculates line based CRCs for HD and 3G video signals. CRC calculations are
performed for each 10-bit channel (Y and C for HD video, DS1 and DS2 for 3G video).
If a mismatch in the calculated and received CRC values is detected for Y channel data
(Data Stream 1 for 3G video), the YCRC_ERR bit in the ERROR_STAT_[2:1] register is set
HIGH.
If a mismatch in the calculated and received CRC values is detected for C channel data
(Data Stream 2 for 3G video), the CCRC_ERR bit in the ERROR_STAT_[2:1] register is set
HIGH.
Y or C CRC errors are also generated if CRC values are not embedded.
3G Level B signals all consist of two data streams. Each data stream is a multiplex of a C
channel and a Y channel. Each channel of each data stream has CRC.
For 3G Level B formats, YCRC errors are detected for both of the two Y channels, and
CCRC errors are detected for both of the two C channels.
Note: By default, 8-bit to 10-bit TRS remapping is enabled. If an 8-bit input is used, the
HD CRC check is based on the 10-bit remapped value, not the 8-bit value, so the CRC
Error Flag is incorrectly asserted and should be ignored. If 8-bit to 10-bit remapping is
enabled, then CRC insertion should be enabled by setting the CRC_INS_DS[2:1]_MASK
bit LOW in the IOPROC_1 or IOPROC_2 register. This ensures that the CRC values are
updated.
4.16.3 EDH CRC Error Detection
The GS3470 also calculates Full Field (FF) and Active Picture (AP) CRC's according to
SMPTE RP165 in support of Error Detection and Handling packets in SD signals.
These calculated CRC values are compared with the received CRC values.
Error flags for AP and FF CRC errors are provided and each error flag is a logical OR of
field 1 and field 2 error conditions.
The AP_CRC_ERR bit in the ERROR_STAT_[2:1] register is set HIGH when an Active
Picture CRC mismatch has been detected in field 1 or 2.
The FF_CRC_ERR bit in the ERROR_STAT_[2:1] register is set HIGH when a Full Field
CRC mismatch has been detected in field 1 or 2.
EDH CRC errors are only indicated when the device is operating in SD mode and when
the device has correctly received EDH packets.
4.16.4 HD & 3G Line Number Error Detection
If a mismatch in the calculated and received line numbers is detected, the LNUM_ERR
bit in the ERROR_STAT_[2:1] register is set HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com