Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 93 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 93 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 89Page - Semtech Corporation GS3470 Datasheet HTML 90Page - Semtech Corporation GS3470 Datasheet HTML 91Page - Semtech Corporation GS3470 Datasheet HTML 92Page - Semtech Corporation GS3470 Datasheet HTML 93Page - Semtech Corporation GS3470 Datasheet HTML 94Page - Semtech Corporation GS3470 Datasheet HTML 95Page - Semtech Corporation GS3470 Datasheet HTML 96Page - Semtech Corporation GS3470 Datasheet HTML 97Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
93 of 169
Semtech
www.semtech.com
Table 4-27: GSPI Timing Parameters
Parameter
Symbol
Equivalent
SCLK
Cycles
Min
Typ
Max
Units
Time to GSPI ready
after power up/reset
t_GSPI_ready
—500
—
μs
CS low before SCLK rising edge
t0
2.7
—
22
ns
SCLK frequency
—
—
22
MHz
SCLK period
t1
45
—
—
ns
SCLK duty cycle
t2
40
50
60
%
Input data setup time
t3
1.8
—
—
ns
SCLK idle time - write
t4
145
—
—
ns
SCLK idle time - read
t5
4
161
—
—
ns
Inter-command delay time
tcmd
4
161
—
—
ns
SDOUT after SCLK falling edge
t6
——
9.1
ns
CS high after final SCLK falling
edge
t7
0.0
—
—
ns
Input data hold time
t8
1.1
—
—
ns
CS high time
t9
45
—
—
ns
SDIN to SDOUT combinational
delay
——
7.4
ns
Max. chips daisy chained at
max SCLK frequency
When host clocks in SDOUT
data on rising edge of SCLK
——
1
GS3470
chips
Max. frequency for 32
daisy-chained devices
——
1.5
MHz
Max. chips daisy-chained at
max. SCLK frequency
When host clocks in SDOUT
data on falling edge of SCLK
——
5
GS3470
chips
Max. frequency for 32
daisy-chained devices
——
3.5
MHz
Note:
1. tcmd_GSPI_conf inter-command delay must be used whenever modifying HOST_CONFIG register at address 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com