Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 81 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 81 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 77Page - Semtech Corporation GS3470 Datasheet HTML 78Page - Semtech Corporation GS3470 Datasheet HTML 79Page - Semtech Corporation GS3470 Datasheet HTML 80Page - Semtech Corporation GS3470 Datasheet HTML 81Page - Semtech Corporation GS3470 Datasheet HTML 82Page - Semtech Corporation GS3470 Datasheet HTML 83Page - Semtech Corporation GS3470 Datasheet HTML 84Page - Semtech Corporation GS3470 Datasheet HTML 85Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
81 of 169
Semtech
www.semtech.com
The position of the write pointer with respect to the read pointer is monitored
continuously. If the write pointer is less than 6 samples ahead of the read pointer (point
A in Figure 4-49), a sample is repeated from the read-side of the FIFO. If the write pointer
is less than 6 samples behind the read pointer (point B in Figure 4-49), a sample is
dropped. This avoids buffer underflow/overflow conditions.
Figure 4-49: Audio Buffer Pointer Boundary Checking
The repeat or drop sample operation is performed a maximum of 28 consecutive times,
after which the audio outputs are muted (all sample data set to zero). In SD mode, 26
samples are required to be written into the FIFO prior to starting the read operation
again.
The audio buffer pointer offset may be reduced from 26 samples to 12 or 6 samples
using the OS_SEL[1:0] bits in the host interface. The default setting is 26 samples (see
Table 4-20).
When the OS_SEL[1:0] bits are set for 6-sample pointer offset, no boundary-checking is
performed.
In HD mode the audio FIFO is a maximum of 10 samples deep. According to SMPTE ST
299, audio samples are multiplexed immediately in the next HANC region after the
audio sample occurs.
Table 4-20: Audio Buffer Pointer Offset Settings
OS_SEL[1:0]
Buffer Pointer Offset
FIFO Size
00b
26 samples (default)
36
01b
12 samples
22
10b
6 samples
16
Audio Buffer
0
29
35
Read
Pointer
Write
Pointer
Write
Pointer
A
5
B
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com