Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 26 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 22Page - Semtech Corporation GS3470 Datasheet HTML 23Page - Semtech Corporation GS3470 Datasheet HTML 24Page - Semtech Corporation GS3470 Datasheet HTML 25Page - Semtech Corporation GS3470 Datasheet HTML 26Page - Semtech Corporation GS3470 Datasheet HTML 27Page - Semtech Corporation GS3470 Datasheet HTML 28Page - Semtech Corporation GS3470 Datasheet HTML 29Page - Semtech Corporation GS3470 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
26 of 169
Semtech
www.semtech.com
4.3.4 DVB-ASI Mode
When in DVB-ASI mode (SMPTE_BYPASS = LOW and DVB_ASI = HIGH), the retimer PLL
locks to a DVB-ASI stream. In DVB-ASI mode, the parallel outputs are configured
appropriately as described in 4.9.3 Parallel Output in DVB-ASI Mode. None of the SMPTE
detection and processing functions are available in this mode.
4.4 Digital Differential Input (DDI/DDI)
The GS3470 can accept two serial digital inputs compliant with SMPTE ST 424, SMPTE
292, and SMPTE ST 259-C– however, only one of the input serial data streams can be
retimed. The GS3470 contains a 100Ω differential input buffer which can be DC-coupled
to Semtech equalizers, but only if equalizer output stage is connected to 1.2V.
Otherwise must be AC coupled.
See Figure 4-1for a visualization of the Flex Input Loopback.
INPUT_CONFIG[3:2] allows for selection of DDI0 or DDI1 into the parallel retimed
output and DDO path.
LOS_CTRL[8] register contains the LOS_AFE_SEL bit, which allows for selection of DDI0
or DDI1 for LOS sensing.
4.5 Serial Digital Loop-Through Output
The GS3470 contains a differential serial digital output buffer. This output provides an
active loop-through of the input signal. It can be a reclocked or non-reclocked version
of the input used for processing or a non-reclocked version of the other input. Moreover,
selection of the loop-through output is independent of the selection of the signal going
into the de-serializer block.
Table 4-3 provides a summary of all the options available for the serial digital output.
The DDO, DDO differential signal is capable of driving a Semtech Cable Driver through
at least 150mm of 100Ω differential FR4 trace, such that the Cable Driver output
conforms to the relevant SMPTE specification for the data rate, with the exception of the
jitter specifications.
The output can be DC-coupled into Semtech Cable Drivers that support 1.2V, 1.8V and
2.5V inputs.
The output buffer may be disabled to achieve power savings. This can be done using the
SERIAL_LOOPBACK_EN bit through the GSPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com