Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 67 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 67 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 63Page - Semtech Corporation GS3470 Datasheet HTML 64Page - Semtech Corporation GS3470 Datasheet HTML 65Page - Semtech Corporation GS3470 Datasheet HTML 66Page - Semtech Corporation GS3470 Datasheet HTML 67Page - Semtech Corporation GS3470 Datasheet HTML 68Page - Semtech Corporation GS3470 Datasheet HTML 69Page - Semtech Corporation GS3470 Datasheet HTML 70Page - Semtech Corporation GS3470 Datasheet HTML 71Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
67 of 169
Semtech
www.semtech.com
This feature is enabled when the IOPROC_EN bit is HIGH and the
ILLEGAL_WORD_REMAP_DS[2:1]_MASK bit in the IOPROC_[2:1] register is set LOW.
For 3G Level A signals, illegal code remapping occurs in both Data Stream 1 and Data
Stream 2.
For 3G Level B signals, illegal code remapping occurs in both Data Stream 1 and Data
Stream 2 of both Link A and Link B.
4.18.9 TRS and Ancillary Data Preamble Remapping
8-bit TRS and ancillary data preambles are re-mapped to 10-bit values. 8-bit to 10-bit
mapping of TRS headers is only supported if the TRS values are 3FC 000 000h. Other
values such as 3FDh, 3FEh, 001h, 002h, and 003h are not supported.
This feature is enabled by default, and can be disabled via the IOPROC_[2:1] register.
4.18.10 Ancillary Data Extraction
The GS3470 includes a FIFO, which extracts ancillary data using read access via the host
interface to ease system implementation. The FIFO stores up to 2048 x 16 bit words of
ancillary data in two separate 1024 word memory banks.
As an alternative, ancillary data may be extracted externally from the GS3470 output
stream using the Y/1ANC and C/2ANC signals, and external logic.
Data is accessed from both memory banks using the same host interface addresses,
C00h to FFFh.
The device writes the contents of ANC packets into the FIFO, starting with the first
Ancillary Data Flag (ADF), followed by up to 1024 words.
All Data Identification (DID), Secondary Data Identification (SDID), Data Count (DC), user
data, and checksum words are written into the device memory.
The device detects ancillary data packet DID's placed anywhere in the video data
stream, including the active picture area.
In HD and 3G mode, ancillary data from the Y channel or Data Stream 1 is placed in the
Least Significant Word (LSW) of the FIFO, allocated to the lower 8 bits of each FIFO
address.
Ancillary data from the C channel or Data Stream 2 is placed in the Most Significant Word
(MSW) (upper 8 bits) of each FIFO address.
Note: Please refer to the ANC insertion and Extraction Application Note (Doc ID:
GENDOC-053410), for discrete steps and example of Ancillary data extraction using the
GS3470.
In SD mode, ancillary data is placed in the LSW of the FIFO. The MSW is set to zero.
If the ANC_TYPE[5:1]_DS[2:1] registers are all set to zero, the device extracts all types
of ancillary data. If programmable ancillary data extraction is required, then up to five
types of ancillary data to be extracted can be programmed in the
ANC_TYPE_[5:1]_DS[2:1] registers (see Section 4.17.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com