Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 35 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 31Page - Semtech Corporation GS3470 Datasheet HTML 32Page - Semtech Corporation GS3470 Datasheet HTML 33Page - Semtech Corporation GS3470 Datasheet HTML 34Page - Semtech Corporation GS3470 Datasheet HTML 35Page - Semtech Corporation GS3470 Datasheet HTML 36Page - Semtech Corporation GS3470 Datasheet HTML 37Page - Semtech Corporation GS3470 Datasheet HTML 38Page - Semtech Corporation GS3470 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
35 of 169
Semtech
www.semtech.com
4.11 Programmable Multi-Function Outputs
The GS3470 has 6 multi-function output pins, STAT [5:0], which are programmable via
the host interface register STAT[5:0]_CONFIG to output one of the following signals:
Table 4-7: Output Signals Available on Programmable Multi-Function Pins
Status Signal
Selection Code
Default Output Pin
H/HSYNC (according to TIM_861 register) Section 4.12
00000
STAT0
V/VSYNC (according to TIM_861 register) Section 4.12
00001
STAT1
F/DE (according to TIM_861 register) Section 4.12
00010
STAT2
LOCKED Section 4.8
00011
STAT3
Y/1ANC Section 4.17
00100
—
C/2ANC Section 4.17
00101
—
DATA ERROR
00110
STAT5
VIDEO ERROR
00111
—
AUDIO ERROR
01000
—
EDH DETECTED
01001
—
CARRIER DETECT
01010
—
SD/HD
01011
STAT4
3G/HD
01100
—
SMPTE BYPASS
11101
—
DVB_ASI
11110
—
Note: Unused digital output pins can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com