Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 95 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 95 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 91Page - Semtech Corporation GS3470 Datasheet HTML 92Page - Semtech Corporation GS3470 Datasheet HTML 93Page - Semtech Corporation GS3470 Datasheet HTML 94Page - Semtech Corporation GS3470 Datasheet HTML 95Page - Semtech Corporation GS3470 Datasheet HTML 96Page - Semtech Corporation GS3470 Datasheet HTML 97Page - Semtech Corporation GS3470 Datasheet HTML 98Page - Semtech Corporation GS3470 Datasheet HTML 99Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
95 of 169
Semtech
www.semtech.com
Figure 4-58: GSPI Read Timing – Single Read Access with Loop-Through Operation (default)
Figure 4-59: GSPI Read Timing – Single Read Access with Bus-Through Operation
4.20.8 Auto-Increment Read/Write Access
Auto-increment read/write access timing for the GSPI interface is shown in Figure 4-60
to Figure 4-64.
Auto-increment mode is enabled by the setting of the AUTOINC bit of the Command
Word.
In this mode, multiple Data Words can be read from/written to the device using only one
starting address. Each access is initiated by a high-to-low transition of the CS pin, and
consists of a Command Word and one or more Data Words. The internal address is
automatically incremented after the first read or write Data Word, and continues to
increment until the read or write access is terminated by a low-to-high transition of the
CS pin.
Note: Writing to HOST_CONFIG using Auto-increment access is not allowed.
The inter-command delay time indicated in the diagram as tcmd, is a minimum of 3 SCLK
clock cycles.
For read access, the time from the last bit of the first Command Word to the start of the
data output of the first Data Word as defined by t5, will be no less than 4 SCLK cycles. All
subsequent read data accesses will not be subject to this delay during an
Auto-Increment read.
Figure 4-60: GSPI Write Timing – Auto-Increment with Loop-Through Operation (default)
SCLK
CS
SDIN
SDOUT
COMMAND
COMMAND
DATA
5
t
SCLK
CS
SDIN
SDOUT
COMMAND
COMMAND
DATA
5
t
X
High-z
High-z
SCLK
CS
SDIN
SDOUT
COMMAND
COMMAND
DATA 1
DATA 1
DATA 2
DATA 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com