Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 4Page - Semtech Corporation GS3470 Datasheet HTML 5Page - Semtech Corporation GS3470 Datasheet HTML 6Page - Semtech Corporation GS3470 Datasheet HTML 7Page - Semtech Corporation GS3470 Datasheet HTML 8Page - Semtech Corporation GS3470 Datasheet HTML 9Page - Semtech Corporation GS3470 Datasheet HTML 10Page - Semtech Corporation GS3470 Datasheet HTML 11Page - Semtech Corporation GS3470 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
8 of 169
Semtech
www.semtech.com
A5, A6
XTAL, XTAL
Analog Input
Input connection for 27MHz crystal. When a reference clock input is
used on XTAL, do not connect XTAL.
A8
PCLK
Output
Parallel data bus clock.
Please refer to the Output Logic parameters in Table 2-3: DC
Electrical Characteristics for logic level threshold and compatibility.
Please refer to Table 4-5: GS3470 Output Data Formats for PCLK
output rates.
A7, B3, B4
RSVD
—
These pins are reserved, do not connect.
B7, D10, G10, K7
IO_VDD
Power
Power connection for digital I/O. Connect to 1.8V or 2.5V DC digital.
B8, A9, A10, B9,
B10, C9, C10, C8,
E10, E9, F10, F9,
H10, H9, J10, J9,
K10, K9, J8, K8
DOUT[19:0]
Output
Parallel data bus.
Please refer to the Output Logic parameters in Table 2-3: DC
Electrical Characteristics for logic level threshold and compatibility.
20-bit mode
20BIT_10BIT = HIGH
SMPTE mode
(SMPTE_BYPASS = HIGH and
DVB_ASI = LOW):
DOUT[19:10] — Luma data output for
SD and HD data rates; Data Stream 1 for
3G data rate
DOUT[9:0] — Chroma data output for
SD and HD data rates; Data Stream 2 for
3G data rate
Data-Through mode
(SMPTE_BYPASS = LOW and
DVB_ASI = LOW):
Data output
10-bit mode
20BIT_10BIT = LOW
(DOUT[19:10])
SMPTE mode
(SMPTE_BYPASS = HIGH and
DVB_ASI = LOW):
Multiplexed Luma/Chroma data output
for SD and HD data rates; Multiplexed
Data Stream 1&2 for 3G data rate
DVB-ASI mode
(SMPTE_BYPASS = LOW and
DVB_ASI = HIGH):
8/10bit decoded DVB-ASI data for SD
data rates
Data-Through mode
(SMPTE_BYPASS = LOW and
DVB_ASI = LOW):
Data output
Note 1: When in 10-bit mode,
DOUT[9:0] are set to 0.
Note 2: When in 10-bit mode, leave
unused output pins unconnected.
C1, C2, D2
PLL_VDD
Power
Power pins for the Retimer PLL. Connect to 1.2V DC analog.
Table 1-1: Pin Descriptions (Continued)
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com