Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 84 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 84 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 80Page - Semtech Corporation GS3470 Datasheet HTML 81Page - Semtech Corporation GS3470 Datasheet HTML 82Page - Semtech Corporation GS3470 Datasheet HTML 83Page - Semtech Corporation GS3470 Datasheet HTML 84Page - Semtech Corporation GS3470 Datasheet HTML 85Page - Semtech Corporation GS3470 Datasheet HTML 86Page - Semtech Corporation GS3470 Datasheet HTML 87Page - Semtech Corporation GS3470 Datasheet HTML 88Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
84 of 169
Semtech
www.semtech.com
Table 4-23: Audio Channel Status Information Registers
Name
Description
Default
ACSR[7:0]
Audio channel status block byte 0 set. Used when ACS_REGEN is set HIGH
85h
ACSR[8:1]
Audio channel status block byte 1 set. Used when ACS_REGEN is set HIGH
08h
ACSR[23:16]
Audio channel status block byte 2 set. Used when ACS_REGEN is set HIGH
28h (SD) 2Ch (HD)
ACSR[31:24],
ACSR[183:176]
Audio channel status block data for bytes 3 to 22. Used when ACS_REGEN
is set HIGH
00h
ACS_REGEN
Audio channel status regenerate
0
ACS_APPLY
Apply new ACSR data
0
ACS_APPLY_W
AIT[D:A]
Waiting to apply new ACSR data
0
ACS[7:0]:
ACS[183:176]
Audio channel status block data for bytes 0 to 22
00h: 00h
Table 4-24: Audio Channel Status Block for Regenerate Mode Default Settings
Name
Byte
Bit
Default
Mode
PRO
0
0
1b
Professional use of channel status block
Emphasis
0
4:2
100b
100b None. Rec. manual override disabled
Sample Frequency
0
7:6
01b
48kHz. Manual override or auto disabled
Channel Mode
1
3:0
0001b
Two channels. Manual override disabled
AUX
2
2:0
000b
SD Mode: Maximum audio word length is 20 bits
001b
HD Mode: Maximum audio word length is 24 bits
Source Word Length
2
5:3
101b
Maximum word length (based on AUX setting).
24-bit for HD Mode; 20-bit for SD Mode
All other bits set to zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com