Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 38 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 38 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 34Page - Semtech Corporation GS3470 Datasheet HTML 35Page - Semtech Corporation GS3470 Datasheet HTML 36Page - Semtech Corporation GS3470 Datasheet HTML 37Page - Semtech Corporation GS3470 Datasheet HTML 38Page - Semtech Corporation GS3470 Datasheet HTML 39Page - Semtech Corporation GS3470 Datasheet HTML 40Page - Semtech Corporation GS3470 Datasheet HTML 41Page - Semtech Corporation GS3470 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
38 of 169
Semtech
www.semtech.com
4.12.1 CEA-861 Timing Generation
The GS3470 is capable of generating CEA861 timing for all of the supported video
formats.
4.12.1.1 Vertical Timing
When CEA 861 timing is selected, the device outputs standards compliant CEA 861
timing signals as shown in the figures below, for example 240 active lines per field for
SMPTE ST 125.
The timing of the CEA 861 timing reference signals can be found in the CEA 861
specifications.
Table 4-8: Supported CEA-861 Formats
Format
CEA-861
VD_STD[5:0]
720 (1440) x 480i @ 59.94/60Hz
6 & 7
16h, 17h, 19h, 1Bh
720(1440) x 576i @ 50Hz
21 & 22
18h, 1Ah
1280 x 720p @ 59.94/60Hz
4
20h, 00h
1280 x 720p @ 50Hz
19
24h, 04h
1280x720p @ 29.97/30Hz
62
27h, 02h
1280x720p @ 25Hz
61
26h, 06h
1920 x 1080i @ 59.94/60Hz
5
2Ah, 0Ah
1920 x 1080i @ 50Hz
20
2Ch, 0Ch
1920 x 1080p @ 29.97/30Hz
341
2Bh, 0Bh
1920 x 1080p @ 25Hz
332
2Dh, 0Dh
1920 x 1080p @ 23.98/24Hz
32
30h, 10h
1920 x 1080p @ 59.94/60Hz
161
2Bh
1920 x 1080p @ 50Hz
312
2Dh
2048x1080p @
30/25/24/48/50/60Hz
Undefined3
21h, 22h, 23h, 37h, 38h,
39h, 3Ah, 3Bh, 3Ch
2048x1080i @ 48/50/59.94/60Hz
Undefined3
34h, 35h, 36h
Notes:
1,2: Timing is identical for the corresponding formats
3: Derived from the standard. Timing diagram provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com