Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 53 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 49Page - Semtech Corporation GS3470 Datasheet HTML 50Page - Semtech Corporation GS3470 Datasheet HTML 51Page - Semtech Corporation GS3470 Datasheet HTML 52Page - Semtech Corporation GS3470 Datasheet HTML 53Page - Semtech Corporation GS3470 Datasheet HTML 54Page - Semtech Corporation GS3470 Datasheet HTML 55Page - Semtech Corporation GS3470 Datasheet HTML 56Page - Semtech Corporation GS3470 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
53 of 169
Semtech
www.semtech.com
By default (after power up or after systems reset), the four
RASTER_STRUC_[4:1]_DS[2:1], VD_STD_DS[2:1], STD_LOCK_DS[2:1], and
INT_PROG_DS[2:1] fields are set to zero. These fields are also cleared when the
SMPTE_BYPASS register is LOW.
4.14 Data Format Detection & Indication
In addition to detecting the video standard, the GS3470 also detects the data format.
This information can be found in the DATA_FORMAT_DS[2:1] registers. Data format
information is only accessible while the device is locked. By default, at power-up, after
reset or while the device is not locked, the DATA_FORMAT_DS[2:1] registers are set to
Fh.
The data format is determined based on the presence of TRS ID words, SDTI header and
TDM header.
Note: In SD video mode only the Y data format register contains the data, and the C
register is set to Fh (undefined format).
Table 4-11: Data Format Register Codes
YDATA_FORMAT[3:0] or
CDATA_FORMAT[3:0]
Data Format
Remarks
0h to 05h
SDTI
SMPTE ST 321, SMPTE ST 322,
SMPTE ST 326
6h
SDI
—
7h
Reserved
—
8h
TDM
SMPTE ST 346
9h
HD-SDTI
—
Ah to Eh
Reserved
—
Fh
Non-SMPTE data format
Detected data format is not SMPTE.
LOCKED = LOW.
Note: This Data Format register is
invalid in SMPTE_BYPASS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com