Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 76 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 76 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 72Page - Semtech Corporation GS3470 Datasheet HTML 73Page - Semtech Corporation GS3470 Datasheet HTML 74Page - Semtech Corporation GS3470 Datasheet HTML 75Page - Semtech Corporation GS3470 Datasheet HTML 76Page - Semtech Corporation GS3470 Datasheet HTML 77Page - Semtech Corporation GS3470 Datasheet HTML 78Page - Semtech Corporation GS3470 Datasheet HTML 79Page - Semtech Corporation GS3470 Datasheet HTML 80Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
76 of 169
Semtech
www.semtech.com
In 3G Level B signals, the audio data packets must be embedded in the Data Stream 2 of
either Link A or Link B and have a data rate of 74.25MHz.
The Audio Group Detect registers are set HIGH when audio data packets with a
corresponding group DID are detected in the input video stream. The host interface
reports the individual audio groups detected.
For SD, when an audio data packet with a DID set in IDA[1:0] and IDB[1:0] is detected,
the audio sample information is extracted and written into the audio FIFO. For HD and
3G, EXTEND_IDA and EXTEND_IDB are used in addition to IDA[1:0] and IDB[1:0] to
select one of 8 audio groups.
The embedded audio group selected by IDA[1:0] is described henceforth in this
document as Group A or Primary Group. The embedded audio group selected by
IDB[1:0] is described henceforth in this document as Group B or Secondary Group.
4.19.2.3 Audio Control Packets
The audio de-embedder automatically detects the presence of audio control packets in
the video stream. When audio control packets for audio Group A are detected, the
CTRA_DET bit of the host interface is set HIGH. When audio control packets for audio
Group B are detected, the CTRB_DET bit of the host interface is set HIGH.
The audio control packet data is accessible via the host interface.
The audio control packets must be embedded according to SMPTE ST 272 (SD) or SMPTE
ST 299 (HD and 3G). In 3G Level A signals, the audio control packets must be embedded
only in Data Stream 1. In 3G Level B signals the audio control packets must be
embedded in the Luma streams of each link that carries audio.
Note 1: In SD, HD, and 3G, the audio control packet reporting via the host interface
updates automatically when a new control packet is detected.
Note 2: If there is an HD audio packet checksum error, no audio is extracted. The audio
packet is not recognized, and the audio stays in the video stream. If nothing but the CLK
phase parity bit is wrong, the audio will extract fine.
Table 4-17: Audio Data Packet Detect Register
Name
Description
Default
ADPG8_DET
Audio Group Eight Data Packet Detection (1: Detected) (HD/3G only)
0
ADPG7_DET
Audio Group Seven Data Packet Detection (1: Detected) (HD/3G only)
0
ADPG6_DET
Audio Group Six Data Packet Detection (1: Detected) (HD/3G only)
0
ADPG5_DET
Audio Group Five Data Packet Detection (1: Detected) (HD/3G only)
0
ADPG4_DET
Audio Group Four Data Packet Detection (1: Detected)
0
ADPG3_DET
Audio Group Three Data Packet Detection (1: Detected)
0
ADPG2_DET
Audio Group Two Data Packet Detection (1: Detected)
0
ADPG1_DET
Audio Group One Data Packet Detection (1: Detected)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com