Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 79 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 79 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 75Page - Semtech Corporation GS3470 Datasheet HTML 76Page - Semtech Corporation GS3470 Datasheet HTML 77Page - Semtech Corporation GS3470 Datasheet HTML 78Page - Semtech Corporation GS3470 Datasheet HTML 79Page - Semtech Corporation GS3470 Datasheet HTML 80Page - Semtech Corporation GS3470 Datasheet HTML 81Page - Semtech Corporation GS3470 Datasheet HTML 82Page - Semtech Corporation GS3470 Datasheet HTML 83Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
79 of 169
Semtech
www.semtech.com
4.19.3 Audio Processing
4.19.3.1 Audio Clock Generation
For SD and HD/3G audio, a single set of audio frequencies is generated for all audio
channels.
For Mapping structure one signals (1080p 50, 59.94, or 60 or 2048p 50, 59.94, or 60), the
pixel clock is 148.5(/M)MHz, and the phase data are based on this rate. An Audio Master
Clock (AMCLK) is also generated. The frequency is selectable via the host interface as:
•
fs x 128
•
fs x 256
•
fs x 512
In SD mode, audio clocks are derived from the PCLK.
In HD/3G modes, audio clocks are derived from the two embedded audio clock phase
words in the audio data packet.
The audio de-embedder also includes a Flywheel block to overcome any inconsistencies
in the embedded audio clock phase information.
If the audio phase data is not present or incorrect, the
INVALID_EMBEDDED_PHASE[B:A] bit in the host interface will be asserted and audio
will be de-embedded using a clock derived from PCLK and the M value.
Alternatively, when the IGNORE_PHASE bit in the host interface is set HIGH, the M value
can be programmed via the host interface. This can be done by setting the FORCE_M
bit HIGH, and programming the desired value into FORCE_MEQ1001. The correct value
can be obtained by reading the M bit from the Video Core Registers.
If the ADPLL is locked to phase data and audio data packets are lost or corrupted, the
Clock Generator will flywheel for up to four audio data packets.
If the IGNORE_PHASE bit in the host interface is HIGH, the clock will free-run based on
the video format, the PCLK and the M value, independent of the
INVALID_EMBEDDED_PHASE[B:A] bit.
In the 720p/24 video format, the total line length is 4125 pixels, which requires a
resolution of 13 bits for the audio clock phase words in the embedded audio data
packets. SMPTE ST 299 only specifies a maximum of 12 bits resolution. The revised
versions of SMPTE ST 299 require using bit 5 of UDW1 in the audio data packet as the
MSB (ck13) for the audio clock phase data, providing 13 bits resolution.
Some audio encoders may hold the clock phase value at a maximum value when
reached, until reset at the end of the line. This produces a small amount of audio phase
jitter for the period of one sample.
To overcome this issue, the audio de-embedder checks for all cases. On detection of the
maximum value, a comparison is made between previous clock phases and the correct
position interpolated. If the clock phase data value starts to decrease, the de-embedder
checks to see if bit 5 (ck13) of UDW1 in the audio data packet is asserted. If ck13 is
asserted, the correct value is used. If ck13 is not set, the correct position is interpolated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com