Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 116 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 116 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 112Page - Semtech Corporation GS3470 Datasheet HTML 113Page - Semtech Corporation GS3470 Datasheet HTML 114Page - Semtech Corporation GS3470 Datasheet HTML 115Page - Semtech Corporation GS3470 Datasheet HTML 116Page - Semtech Corporation GS3470 Datasheet HTML 117Page - Semtech Corporation GS3470 Datasheet HTML 118Page - Semtech Corporation GS3470 Datasheet HTML 119Page - Semtech Corporation GS3470 Datasheet HTML 120Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
116 of 169
Semtech
www.semtech.com
811
POWER_DOWN
RSVD
15:4
—
—
Reserved.
PD_CSR_ACCESS
3:3
RW
0
CSR access selection during power-down:
0 = Selects no CSR access during
power-down when PWR_DWN is asserted
1 = Selects CSR access during
power-down when PWR_DWN is asserted
RC_BYP
2:2
RW
0
Retimer bypass selection:
0 = Selects retimed data (when DDO is
enabled)
1 = Selects non-retimed data (when DDO
is enabled)
SERIAL_LOOPBACK_EN
1:1
RW
0
Serial loopback enable:
0 = The serial digital output signals DDO
and DDO are disabled
1 = The serial digital output signals DDO
and DDO are enabled
PD_PCLK_ENABLE
0:0
RW
0
PCLK enabled during power-down:
0 = Selects PCLK to be shut off when
PWR_DWN is asserted
1 = Selects PCLK to be output when
PWR_DWN is asserted
812
IO_CONFIG
RSVD
15:15
—
—
Reserved.
STAT2_CONFIG
14:10
RW
2
Configures STAT2 output pin:
00000b = H/HSYNC 
00001b = V/VSYNC 
00010b = F/DE 
00011b = LOCKED 
00100b = Y/1ANC 
00101b = C/2ANC 
00110b = DATA ERROR
00111b = VIDEO ERROR (GLOBAL_ERR)
01000b = AUDIO ERROR
01001b = EDH_DETECT 
01010b = Carrier Detect (active LOW)
01011b = SD_HD 
01100b = 3G_HD
01101b to 11111b = Reserved
STAT1_CONFIG
9:5
RW
1
Configure STAT1 output pin. Refer to
STAT2_CONFIG for decoding.
STAT0_CONFIG
4:0
RW
0
Configure STAT0 output pin. Refer to
STAT2_CONFIG for decoding.
Table 5-8: Video Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
Slice
R/W
Reset
Valueh
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com