Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 139 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 139 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 135Page - Semtech Corporation GS3470 Datasheet HTML 136Page - Semtech Corporation GS3470 Datasheet HTML 137Page - Semtech Corporation GS3470 Datasheet HTML 138Page - Semtech Corporation GS3470 Datasheet HTML 139Page - Semtech Corporation GS3470 Datasheet HTML 140Page - Semtech Corporation GS3470 Datasheet HTML 141Page - Semtech Corporation GS3470 Datasheet HTML 142Page - Semtech Corporation GS3470 Datasheet HTML 143Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
139 of 169
Semtech
www.semtech.com
A0C
CFG_AUD_3
RSVD
15:6
—
—
Reserved.
SELECTED_
PHASE_SRC
5:5
RO
0
Indicates the source audio group for the
embedded phase information:
0 = Using primary group phase information
1 = Using secondary group phase
information
MISSING_PHASE
4:4
RO
0
When HIGH, either
INVALID_EMBEDDED_PHASE_A or
INVALID_EMBEDDED_PHASE_B is asserted
based on SELECTED_PHASE_SRC.
INVALID_
EMBEDDED_
PHASE_B
3:3
RO
0
When HIGH, secondary group audio data
packets have invalid embedded phase
data.
INVALID_
EMBEDDED_
PHASE_A
2:2
RO
0
When HIGH, primary group audio data
packets have invalid embedded phase
data.
EMBEDDED_
PHASE_
IGNORED_B
1:1
RO
0
When HIGH, secondary group audio data
packets have invalid embedded phase
data or when IGNORE_PHASE or
FORCE_ACLK128 are asserted.
EMBEDDED_
PHASE_
IGNORED_A
0:0
RO
0
When HIGH, primary group audio data
packets have invalid embedded phase
data or when IGNORE_PHASE or
FORCE_ACLK128 are asserted.
A0D
OUTPUT_SEL_1
RSVD
15:12
—
—
Reserved.
OP4_SRC
11:9
RW
3
Output channel 4 source selector:
000b = Primary audio group channel 1
001b = Primary audio group channel 2
010b = Primary audio group channel 3
011b = Primary audio group channel 4
100b = Secondary audio group channel 1
101b = Secondary audio group channel 2
110b = Secondary audio group channel 3
111b = Secondary audio group channel 4
OP3_SRC
8:6
RW
2
Output channel 3 source selector. See
OP4_SRC for decoding.
OP2_SRC
5:3
RW
1
Output channel 2 source selector. See
OP4_SRC for decoding.
OP1_SRC
2:0
RW
0
Output channel 1 source selected. See
OP4_SRC for decoding.
Table 5-9: HD and 3G Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com