Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 153 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 153 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 149Page - Semtech Corporation GS3470 Datasheet HTML 150Page - Semtech Corporation GS3470 Datasheet HTML 151Page - Semtech Corporation GS3470 Datasheet HTML 152Page - Semtech Corporation GS3470 Datasheet HTML 153Page - Semtech Corporation GS3470 Datasheet HTML 154Page - Semtech Corporation GS3470 Datasheet HTML 155Page - Semtech Corporation GS3470 Datasheet HTML 156Page - Semtech Corporation GS3470 Datasheet HTML 157Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
153 of 169
Semtech
www.semtech.com
B09
INT_ENABLE
RSVD
15:15
—
—
Reserved.
EN_NOT_LOCKED
14:14
RW
0
Asserts interrupt when LOCKED signal is not
asserted.
EN_NO_VIDEO
13:13
RW
0
Asserts interrupt when video format is
unknown.
EN_CSUM_ERROR
12:12
RW
0
Asserts interrupt when checksum error is
detected.
EN_ACS_DET3_4B
11:11
RW
0
Asserts interrupt when ACS_DET3_4B flag is
set.
EN_ACS_DET1_2B
10:10
RW
0
Asserts interrupt when ACS_DET1_2B flag is
set.
EN_ACS_DET3_4A
9:9
RW
0
Asserts interrupt when ACS_DET3_4A flag is
set.
EN_ACS_DET1_2A
8:8
RW
0
Asserts interrupt when ACS_DET1_2A flag is
set.
EN_CTRB_DET
7:7
RW
0
Asserts interrupt when CTRB_DET flag is set.
EN_CTRA_DET
6:6
RW
0
Asserts interrupt when CTRA_DET flag is set.
EN_DBNB_ERR
5:5
RW
0
Asserts interrupt when DBNB_ERR flag is set.
EN_DBNA_ERR
4:4
RW
0
Asserts interrupt when DBNA_ERR flag is
set.
EN_ADPG4_DET
3:3
RW
0
Asserts interrupt when ADPG4_DET flag is
set.
EN_ADPG3_DET
2:2
RW
0
Asserts interrupt when ADPG3_DET flag is
set.
EN_ADPG2_DET
1:1
RW
0
Asserts interrupt when ADPG2_DET flag is
set.
EN_ADPG1_DET
0:0
RW
0
Asserts interrupt when ADPG1_DET flag is
set.
Table 5-10: SD Audio Core CSR Descriptions (Continued)
Addressh
Register Name
Parameter Name
Bit
R/W
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com