Electronic Components Datasheet Search
  English  ▼

X  

GS3470 Datasheet(PDF) 164 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 164 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 160Page - Semtech Corporation GS3470 Datasheet HTML 161Page - Semtech Corporation GS3470 Datasheet HTML 162Page - Semtech Corporation GS3470 Datasheet HTML 163Page - Semtech Corporation GS3470 Datasheet HTML 164Page - Semtech Corporation GS3470 Datasheet HTML 165Page - Semtech Corporation GS3470 Datasheet HTML 166Page - Semtech Corporation GS3470 Datasheet HTML 167Page - Semtech Corporation GS3470 Datasheet HTML 168Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
164 of 169
Semtech
www.semtech.com
6.2 Layout Considerations
General best practices for high-speed board layout should be followed when designing
with the GS3470. These general best practices can be found in a number of Semtech
design guides including:
•
GS3471 Receiver Design Guide (TBD)
•
GS2972 Transmitter Design Guide (GENDOC-048581)
•
Multi-Gigabit Serial Routing Products (PDS-060967)
•
GS2989 Cable Driver Design Guide (GENDOC-052070)or most recent CD design
guide available
The following layout considerations are specific to the GS3470:
•
GS3470's analog supplies, particularly its 1.2V VCC supply, are sensitive to noise. For
optimal performance, it is recommended that the power supplies are isolated to
avoid external noise coupling. DDI_VDD and DDO_VDD may be combined if they
are powered at the same supply level. However, PLL_VDD, CORE_VDD and
IO_VDD should be routed separately.
•
Linearly regulated power supplies are recommended wherever possible as they
provide the cleanest power.
•
Critical components such as power supply decoupling capacitors, LF capacitor,
RBIAS resistor, CT0 and CT1 capacitors and VCO filter should be placed as close as
possible to the GS3470.
•
DDI0/DDI0, DDI1/DDI1, and DDO/DDO differential inputs and outputs should be
routed using 100Ω differential controlled impedance transmission lines.
•
When paired with a compatible cable equalizer or cable driver, it is possible to
DC-couple the differential high-speed inputs and outputs. In cases requiring
AC-coupling, anti-pads should be used underneath AC-coupling capacitors to
minimize the parasitic capacitance associated with these components. Details on
the use of anti-pads can be found in the Semtech video design guides referenced
above.
•
The parallel data outputs and timing signals should be electrically phase matched
to within 1/20th of a wavelength. For 300MHz, this is approximately equivalent to
1" of FR4 micro-strip.
•
Serial termination on the parallel data outputs and timing signals may be required
for very long traces or traces going through connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com