Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 106 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 106 Page - Analog Devices

Back Button AD9175 Datasheet HTML 102Page - Analog Devices AD9175 Datasheet HTML 103Page - Analog Devices AD9175 Datasheet HTML 104Page - Analog Devices AD9175 Datasheet HTML 105Page - Analog Devices AD9175 Datasheet HTML 106Page - Analog Devices AD9175 Datasheet HTML 107Page - Analog Devices AD9175 Datasheet HTML 108Page - Analog Devices AD9175 Datasheet HTML 109Page - Analog Devices AD9175 Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 106 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x13C
DDSC_ACC_
MODULUS2
[7:0]
DDSC_ACC_
MODULUS[23:16]
Sets DDSC_ACC_MODULUS. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x13D
DDSC_ACC_
MODULUS3
[7:0]
DDSC_ACC_
MODULUS[31:24]
Sets DDSC_ACC_MODULUS. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x13E
DDSC_ACC_
MODULUS4
[7:0]
DDSC_ACC_
MODULUS[39:32]
Sets DDSC_ACC_MODULUS. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x13F
DDSC_ACC_
MODULUS5
[7:0]
DDSC_ACC_
MODULUS[47:40]
Sets DDSC_ACC_MODULUS. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x140
DDSC_ACC_DELTA0
[7:0]
DDSC_ACC_
DELTA[7:0]
Sets DDSC_ACC_DELTA. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x141
DDSC_ACC_
DELTA1
[7:0]
DDSC_ACC_
DELTA[15:8]
Sets DDSC_ACC_DELTA. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com